전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC2252IPE4 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TLC2252IPE4
상세설명  Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TLC2252IPE4 데이터시트(HTML) 2 Page - Texas Instruments

  TLC2252IPE4 Datasheet HTML 1Page - Texas Instruments TLC2252IPE4 Datasheet HTML 2Page - Texas Instruments TLC2252IPE4 Datasheet HTML 3Page - Texas Instruments TLC2252IPE4 Datasheet HTML 4Page - Texas Instruments TLC2252IPE4 Datasheet HTML 5Page - Texas Instruments TLC2252IPE4 Datasheet HTML 6Page - Texas Instruments TLC2252IPE4 Datasheet HTML 7Page - Texas Instruments TLC2252IPE4 Datasheet HTML 8Page - Texas Instruments TLC2252IPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
TLC225x, TLC225xA
Advanced LinCMOS
 RAIL-TO-RAIL
VERY LOW-POWER OPERATIONAL AMPLIFIERS
SLOS176D – FEBRUARY 1997 – REVISED MARCH 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLC2252 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
TSSOP‡
(PW)
CERAMIC
FLATPACK
(U)
0
°C to 70°C
1500
µV
TLC2252CD
TLC2252CP
TLC2252CPW
40
°Cto125°C
850
µV
TLC2252AID
TLC2252AIP
TLC2252AIPW
– 40
°C to 125°C
µ
1500
µV
TLC2252ID
TLC2252IP
40
°Cto125°C
850
µV TLC2252AQD
– 40
°C to 125°C
µ
1500
µV TLC2252QD
– 55
°C to 125°C
850
µV
1500
µV
TLC2252AMFK
TLC2252MFK
TLC2252AMJG
TLC2252MJG
TLC2252AMU
TLC2252MU
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC2262CDR).
‡ The PW package is available only left-ended taped and reeled.
§ Chip forms are tested at 25
°C only.
TLC2254 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
PLASTIC DIP
(N)
TSSOP‡
(PW)
CERAMIC
FLATPACK
(W)
0
°C to
70
°C
1500
µV
TLC2254CD
TLC2254CN
TLC2254CPW
– 40
°C to
850
µV
TLC2254AID
TLC2254AIN
TLC2254AIPW
125
°C
µ
1500
µV
TLC2254ID
TLC2254IN
– 40
°C to
850
µV
TLC2254AQD
125
°C
µ
1500
µV
TLC2254QD
– 55
°C to
850
µV
TLC2254AMFK
TLC2254AMJ
TLC2254AMW
125
°C
µ
1500
µV
TLC2254MFK
TLC2254MJ
TLC2254MW
† The D packages are available taped and reeled. Add R suffix to the device type (e.g., TLC2254CDR).
‡ The PW package is available only left-end taped and reeled. Chips are tested at 25
°C.
§ Chip forms are tested at 25
°C only.


유사한 부품 번호 - TLC2252IPE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC2252IP TI-TLC2252IP Datasheet
926Kb / 57P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252IP TI-TLC2252IP Datasheet
1Mb / 71P
[Old version datasheet]   Advanced LinCMOS TM RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252IP TI-TLC2252IP Datasheet
1Mb / 74P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252IP TI1-TLC2252IP Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results

유사한 설명 - TLC2252IPE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC225X-EP TI1-TLC225X-EP_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252-EP TI1-TLC2252-EP Datasheet
999Kb / 38P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV225X-Q1 TI1-TLV225X-Q1 Datasheet
735Kb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV255X TI-TLV255X Datasheet
1Mb / 53P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2252-Q1 TI1-TLV2252-Q1 Datasheet
695Kb / 36P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_08 Datasheet
1Mb / 74P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-Q1 TI-TLC225X-Q1 Datasheet
706Kb / 35P
[Old version datasheet]   advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI1-TLC225X_16 Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_01 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced LinCMOS TM RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-Q1 TI1-TLC225X-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com