전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2919 데이터시트(PDF) 2 Page - Semicoa Semiconductor

부품명 2N2919
상세설명  Silicon NPN Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMICOA [Semicoa Semiconductor]
홈페이지  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N2919 데이터시트(HTML) 2 Page - Semicoa Semiconductor

  2N2919 Datasheet HTML 1Page - Semicoa Semiconductor 2N2919 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. H
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 2 of 2
www.SEMICOA.com
2N2919
Silicon NPN Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25°C
Off Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 10 mA
60
Volts
Collector-Base Cutoff Current
ICBO1
ICBO2
ICBO3
VCB = 70 Volts
VCB = 45 Volts
VCB = 45 Volts, TA = 150°C
10
2
2.5
µA
nA
µA
Collector-Emitter Cutoff Current
ICEO
VCE = 5 Volts
2
nA
Emitter-Base Cutoff Current
IEBO1
IEBO2
VEB = 6 Volts
VEB = 5 Volts
10
2
µA
nA
On Characteristics
Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Current Gain
hFE1
hFE2
hFE3
hFE4
hFE2-1/hFE2-2
IC = 10 µA, VCE = 5 Volts
IC = 100 µA, VCE = 5 Volts
IC = 1 mA, VCE = 5 Volts
IC = 10 µA, VCE = 5 Volts
TA = -55°C
IC = 100 µA, VCE = 5 Volts
60
100
150
20
0.9
240
325
600
1.0
Base-Emitter Voltage differential
|VBE1-VBE2|1
|VBE1-VBE2|2
|VBE1-VBE2|3
VCE = 5 Volts, IC = 10 µA
VCE = 5 Volts, IC = 100 µA
VCE = 5 Volts, IC = 1 mA
5
3
5
mVolts
Base-Emitter Voltage differential
at temperature
|VBE1-VBE2|1
|VBE1-VBE2|2
VCE = 5 Volts, IC = 100 µA
TA = 25 °C and -55°C
TA = 25 °C and +125°C
0.8
1
mVolts
Base-Emitter Saturation Voltage
VBEsat1
IC = 1 mA, IB = 100 µA
0.5
1.0
Volts
Collector-Emitter Saturation
Voltage
VCEsat1
IC = 1 mA, IB = 100 µA
0.3
Volts
Dynamic Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Magnitude – Common Emitter, Short
Circuit Forward Current Transfer Ratio
|hFE1|
VCE = 5 Volts, IC = 500 µA,
f = 20 MHz
3
20
Small Signal Short Circuit Forward
Current Transfer Ratio
hFE
VCE = 10 Volts, IC = 1 mA,
f = 1 kHz
150
600
Open Circuit Output Capacitance
COBO
VCB = 5 Volts, IE = 0 mA,
100 kHZ < f < 1 MHz
5
pF
Noise Figure
NF1
NF2
NF3
VCE = 5 Volts, IC = 10 µA,
Rg = 10 kΩ
f = 100 Hz
f = 1 kHz
f = 10 kHz
5
3
3
dB
Short Circuit Input Impedance
hie
VCB =5V, IC =1mA, f =1kHz
3
30
k
Open Circuit Output Admittance
hoe
VCB =5V, IC =1mA, f =1kHz
60
µmhos
Open Circuit reverse Voltage Transfer
Ratio
hre
VCB =5V, IC=100µA, f=1kHz
1x10-3


유사한 부품 번호 - 2N2919

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N2919 SEME-LAB-2N2919 Datasheet
28Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
logo
Central Semiconductor C...
2N2919 CENTRAL-2N2919 Datasheet
52Kb / 1P
   Dual Transistors
logo
Microsemi Corporation
2N2919 MICROSEMI-2N2919 Datasheet
304Kb / 4P
   NPN SILICON DUAL TRANSISTOR
logo
Seme LAB
2N2919 SEME-LAB-2N2919 Datasheet
45Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
logo
New Jersey Semi-Conduct...
2N2919 NJSEMI-2N2919 Datasheet
133Kb / 1P
   DIFFERENTIAL AMPLIFIER AND DUAL NPN SILICON TRANSISTOR
More results

유사한 설명 - 2N2919

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com