전자부품 데이터시트 검색엔진 |
|
M27C1024-10XN7TR 데이터시트(PDF) 11 Page - STMicroelectronics |
|
M27C1024-10XN7TR 데이터시트(HTML) 11 Page - STMicroelectronics |
11 / 15 page FDIP40W - 40 pin Ceramic Frit-seal DIP, with window FDIPW-a A3 A1 A L B1 B e D S E1 E N 1 C α eA D2 ∅ eB A2 Symb mm inches Typ Min Max Typ Min Max A 5.72 0.225 A1 0.51 1.40 0.020 0.055 A2 3.91 4.57 0.154 0.180 A3 3.89 4.50 0.153 0.177 B 0.41 0.56 0.016 0.022 B1 1.45 – – 0.057 – – C 0.23 0.30 0.009 0.012 D 51.79 52.60 2.039 2.071 D2 48.26 – – 1.900 – – E 15.24 – – 0.600 – – E1 13.06 13.36 0.514 0.526 e 2.54 – – 0.100 – – eA 14.99 – – 1.900 – – eB 16.18 18.03 0.637 0.710 L 3.18 0.125 S 1.52 2.49 0.060 0.098 ∅ 8.13 – – 0.320 – – α 4 ° 11 ° 4 ° 11 ° N40 40 Drawing is not to scale. 11/15 M27C1024 |
유사한 부품 번호 - M27C1024-10XN7TR |
|
유사한 설명 - M27C1024-10XN7TR |