전자부품 데이터시트 검색엔진 |
|
M27C1024-80XN3TR 데이터시트(PDF) 7 Page - STMicroelectronics |
|
M27C1024-80XN3TR 데이터시트(HTML) 7 Page - STMicroelectronics |
7 / 15 page Symbol Parameter Test Condition Min Max Unit ILI Input Leakage Current 0 ≤ VIN ≤ VIH ±10 µA ICC Supply Current 50 mA IPP Program Current E = VIL 50 mA VIL Input Low Voltage –0.3 0.8 V VIH Input High Voltage 2 VCC + 0.5 V VOL Output Low Voltage IOL = 2.1mA 0.4 V VOH Output High Voltage TTL IOH = –400 µA 2.4 V VID A9 Voltage 11.5 12.5 V Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously with or after VPP. Table 9. Programming Mode DC Characteristics (1) (TA =25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V) Symbol Alt Parameter Test Condition Min Max Unit tAVPL tAS Address Valid to Program Low 2 µs tQVPL tDS Input Valid to Program Low 2 µs tVPHPL tVPS VPP High to Program Low 2 µs tVCHPL tVCS VCC High to Program Low 2 µs tELPL tCES Chip Enable Low to Program Low 2 µs tPLPH tPW Program Pulse Width 95 105 µs tPHQX tDH Program High to Input Transition 2 µs tQXGL tOES Input Transition to Output Enable Low 2 µs tGLQV tOE Output Enable Low to Output Valid 100 ns tGHQZ (2) tDFP Output Enable High to Output Hi-Z 0 130 ns tGHAX tAH Output Enable High to Address Transition 0ns Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously with or after VPP. 2. Sampled only, not 100% tested. Table 10. Programming Mode AC Characteristics (1) (TA =25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V) 7/15 M27C1024 |
유사한 부품 번호 - M27C1024-80XN3TR |
|
유사한 설명 - M27C1024-80XN3TR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |