전자부품 데이터시트 검색엔진 |
|
SN54AHCT00 데이터시트(PDF) 3 Page - Texas Instruments |
|
SN54AHCT00 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 23 page SN54AHCT00, SN74AHCT00 QUADRUPLE 2-INPUT POSITIVE-NAND GATES SCLS229K – OCTOBER 1995 – REVISED JULY 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 4) SN54AHCT00 SN74AHCT00 UNIT MIN MAX MIN MAX UNIT VCC Supply voltage 4.5 5.5 4.5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V VI Input voltage 0 5.5 0 5.5 V VO Output voltage 0 VCC 0 VCC V IOH High-level output current –8 –8 mA IOL Low-level output current 8 8 mA ∆t/∆v Input transition rise or fall rate 20 20 ns/V TA Operating free-air temperature –55 125 –40 85 °C NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C SN54AHCT00 SN74AHCT00 UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX MIN MAX UNIT VOH IOH = –50 mA 45 V 4.4 4.5 4.4 4.4 V VOH IOH = –8 mA 4.5 V 3.94 3.8 3.8 V VOL IOL = 50 mA 45 V 0.1 0.1 0.1 V VOL IOL = 8 mA 4.5 V 0.36 0.44 0.44 V II VI = 5.5 V or GND 0 V to 5.5 V ±0.1 ±1* ±1 mA ICC VI = VCC or GND, IO = 0 5.5 V 2 20 20 mA ∆ICC† One input at 3.4 V, Other inputs at VCC or GND 5.5 V 1.35 1.5 1.5 mA Ci VI = VCC or GND 5 V 2 10 10 pF * On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V. † This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC. switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHCT00 SN74AHCT00 UNIT PARAMETER (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tPLH AorB Y CL =15 pF 5** 6.9** 1** 8** 1 8 ns tPHL A or B Y CL = 15 pF 5** 6.9** 1** 8** 1 8 ns tPLH AorB Y CL =50 pF 5.5 7.9 1 9 1 9 ns tPHL A or B Y CL = 50 pF 5.5 7.9 1 9 1 9 ns ** On products compliant to MIL-PRF-38535, this parameter is not production tested. |
유사한 부품 번호 - SN54AHCT00_07 |
|
유사한 설명 - SN54AHCT00_07 |