전자부품 데이터시트 검색엔진 |
|
LD1086D2T33TR 데이터시트(PDF) 9 Page - STMicroelectronics |
|
LD1086D2T33TR 데이터시트(HTML) 9 Page - STMicroelectronics |
9 / 37 page LD1086xx Electrical characteristics 9/37 Table 6. Electrical characteristics of LD1086#25 (VI=5.5V, CI = CO =10μF, TA = -40 to 125°C, unless otherwise specified). Symbol Parameter Test Min. Typ. Max. Unit VO Output voltage (1) IO = 0 mA, TJ = 25°C 2.475 2.5 2.525 V IO = 0 to 1.5A, VI = 4.1 to 30V 2.45 2.5 2.55 V ΔVO Line regulation IO = 0 mA, VI = 4.1 to 18V, TJ = 25°C 0.2 4 mV IO = 0 mA, VI = 4.1 to 18V 0.4 4 mV ΔVO Load regulation IO = 0 to 1.5A, TJ = 25°C 0.5 8 mV IO = 0 to 1.5A 1 16 mV Vd Dropout voltage IO = 1.5A 1.3 1.5 V Iq Quiescent current VI ≤30V 5 10 mA Isc Short circuit current VI - VO = 5V 1.5 2 A VI - VO = 25V 0.05 0.2 A Thermal regulation TA = 25°C, 30ms pulse 0.008 0.04 %/W SVR Supply voltage rejection f = 120 Hz, CO = 25 μF, IO = 1.5A VI = 7.5 ± 3V 60 81 dB eN RMS Output noise voltage (% of VO) TA = 25°C, f =10Hz to 10KHz 0.003 % S Temperature stability 0.5 % S Long term stability TA = 125°C, 1000Hrs 0.5 % 1. See short-circuit current curve for available output current at fixed dropout. |
유사한 부품 번호 - LD1086D2T33TR |
|
유사한 설명 - LD1086D2T33TR |