전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G74GT 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74AUP1G74GT
상세설명  Low-power D-type flip-flop with set and reset; positive-edge trigger
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G74GT 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP1G74GT Datasheet HTML 5Page - NXP Semiconductors 74AUP1G74GT Datasheet HTML 6Page - NXP Semiconductors 74AUP1G74GT Datasheet HTML 7Page - NXP Semiconductors 74AUP1G74GT Datasheet HTML 8Page - NXP Semiconductors 74AUP1G74GT Datasheet HTML 9Page - NXP Semiconductors 74AUP1G74GT Datasheet HTML 10Page - NXP Semiconductors 74AUP1G74GT Datasheet HTML 11Page - NXP Semiconductors 74AUP1G74GT Datasheet HTML 12Page - NXP Semiconductors 74AUP1G74GT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
74AUP1G74_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 25 August 2006
9 of 23
Philips Semiconductors
74AUP1G74
Low-power D-type flip-flop with set and reset; positive-edge trigger
11. Dynamic characteristics
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min Typ[1] Max
Min
Max
(85
°C)
Min
Max
(125
°C)
CL = 5 pF
tpd
propagation
delay
CP to Q, Q; see Figure 7
[2]
VCC = 0.8 V
-
25.4
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.9
6.7
14.0
2.6
14.2
2.6
14.2
ns
VCC = 1.4 V to 1.6 V
2.4
4.5
7.6
2.3
8.3
2.3
8.6
ns
VCC = 1.65 V to 1.95 V
1.9
3.5
5.7
1.7
6.5
1.7
6.8
ns
VCC = 2.3 V to 2.7 V
1.7
2.6
3.7
1.4
4.3
1.4
4.6
ns
VCC = 3.0 V to 3.6 V
1.5
2.2
3.0
1.2
3.3
1.2
3.5
ns
SD to Q, Q; see Figure 8
[2]
VCC = 0.8 V
-
19.6
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.7
5.6
11.0
2.5
11.4
2.5
11.5
ns
VCC = 1.4 V to 1.6 V
2.4
4.0
6.3
2.2
6.9
2.2
7.3
ns
VCC = 1.65 V to 1.95 V
2.0
3.3
4.9
1.7
5.6
1.7
5.9
ns
VCC = 2.3 V to 2.7 V
1.9
2.7
3.6
1.7
3.8
1.7
4.1
ns
VCC = 3.0 V to 3.6 V
1.8
2.5
3.1
1.5
3.5
1.5
3.7
ns
RD to Q, Q; see Figure 8
[2]
VCC = 0.8 V
-
19.2
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.6
5.5
11.0
2.5
11.3
2.5
11.4
ns
VCC = 1.4 V to 1.6 V
2.3
3.9
6.3
2.2
6.8
2.2
7.2
ns
VCC = 1.65 V to 1.95 V
1.9
3.2
5.0
1.8
5.6
1.8
5.9
ns
VCC = 2.3 V to 2.7 V
1.9
2.6
3.6
1.7
4.0
1.7
4.3
ns
VCC = 3.0 V to 3.6 V
1.8
2.4
3.2
1.5
3.8
1.5
4.0
ns
fmax
maximum
frequency
CP; see Figure 8
VCC = 0.8 V
-
53
-
-
-
-
-
MHz
VCC = 1.1 V to 1.3 V
-
203
-
170
-
170
-
MHz
VCC = 1.4 V to 1.6 V
-
347
-
310
-
300
-
MHz
VCC = 1.65 V to 1.95 V
-
435
-
400
-
390
-
MHz
VCC = 2.3 V to 2.7 V
-
550
-
490
-
480
-
MHz
VCC = 3.0 V to 3.6 V
-
619
-
550
-
510
-
MHz


유사한 부품 번호 - 74AUP1G74GT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G74GT NXP-74AUP1G74GT Datasheet
128Kb / 24P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 04-3 June 2008
logo
Nexperia B.V. All right...
74AUP1G74GT NEXPERIA-74AUP1G74GT Datasheet
349Kb / 26P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 13 - 23 January 2023
More results

유사한 설명 - 74AUP1G74GT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G74 NXP-74AUP1G74 Datasheet
128Kb / 24P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 04-3 June 2008
logo
Nexperia B.V. All right...
74AUP1G74-Q100 NEXPERIA-74AUP1G74-Q100 Datasheet
243Kb / 20P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
74AUP1G74 NEXPERIA-74AUP1G74 Datasheet
349Kb / 26P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 13 - 23 January 2023
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
74LVC1G74DC.125 NXP-74LVC1G74DC.125 Datasheet
299Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 12-2 April 2013
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74LVC1G74 NXP-74LVC1G74_10 Datasheet
202Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com