전자부품 데이터시트 검색엔진 |
|
SN74TVC3010DW 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
SN74TVC3010DW 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 19 page SN74TVC3010 10-BIT VOLTAGE CLAMP SCDS088G – APRIL 1999 – REVISED AUGUST 2003 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 simplified schematic 24 23 22 21 20 13 12 3 4 5 12 GND A1 A2 A3 A4 A11 GATE B1 B2 B3 B4 B11 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Input voltage range, VI (see Note 1) –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input/output voltage range, VI/O (see Note 1) –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous channel current 128 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) –50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): DBQ package 61 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGV package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DW package 46 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 88 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and input/output negative-voltage ratings may be exceeded if the input and input/output clamp-current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions MIN TYP MAX UNIT VI/O Input/output voltage 0 5 V VGATE GATE voltage 0 5 V IPASS Pass-transistor current 20 64 mA TA Operating free-air temperature –40 85 °C |
유사한 부품 번호 - SN74TVC3010DW |
|
유사한 설명 - SN74TVC3010DW |