전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3000D1PWP 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TPA3000D1PWP
상세설명  17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3000D1PWP 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPA3000D1PWP Datasheet HTML 4Page - Texas Instruments TPA3000D1PWP Datasheet HTML 5Page - Texas Instruments TPA3000D1PWP Datasheet HTML 6Page - Texas Instruments TPA3000D1PWP Datasheet HTML 7Page - Texas Instruments TPA3000D1PWP Datasheet HTML 8Page - Texas Instruments TPA3000D1PWP Datasheet HTML 9Page - Texas Instruments TPA3000D1PWP Datasheet HTML 10Page - Texas Instruments TPA3000D1PWP Datasheet HTML 11Page - Texas Instruments TPA3000D1PWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TPA3000D1
SLOS379A – SEPTEMBER 2001 – REVISED JANUARY 2002
8
www.ti.com
TYPICAL CHARACTERISTICS
Figure 11
f – Frequency – Hz
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
0.01
0.1
1
VCC = 18 V
RL = 8 Ω
Gain = 12 dB
20
100
1k
10k
PO = 500 mW
PO = 2 W
PO = 10 W
Figure 12
f – Frequency – Hz
20
100
1k
10k
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
0.01
0.1
1
VCC = 15 V
RL = 8 Ω
Gain = 12 dB
PO = 2 W
PO = 500 mW
PO = 10 W
Figure 13
f – Frequency – Hz
20
100
1k
10k
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
0.01
0.1
1
VCC = 12 V
RL = 8 Ω
Gain = 12 dB
PO = 5 W
PO = 250 mW
PO = 1 W
Figure 14
f – Frequency – Hz
20
100
1k
10k
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
0.01
0.1
1
VCC = 8 V
RL = 8 Ω
Gain = 12 dB
PO = 5 W
PO = 250 mW
PO = 1 W


유사한 부품 번호 - TPA3000D1PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1PWP TI-TPA3001D1PWP Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1PWP TI-TPA3001D1PWP Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1PWPG4 TI-TPA3001D1PWPG4 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA3000D1PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com