전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC1490P 데이터시트(PDF) 3 Page - LANSDALE Semiconductor Inc.

부품명 MC1490P
상세설명  RF/IF/Audio Amplifier Wideband Amplifier With AGC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC1490P 데이터시트(HTML) 3 Page - LANSDALE Semiconductor Inc.

  MC1490P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC1490P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC1490P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC1490P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC1490P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC1490P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC1490P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC1490P Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.lansdale.com
Page 3 of 8
Issue A
LANSDALE Semiconductor, Inc.
ML1490
Figure 5. Voltage Gain and Supply Current versus
Supply Voltage (Video Amplifier, See Figure 20)
Figure 6. Typical Gain Reduction
versus AGC Voltage
Figure 7. Typical Gain Reduction
versus AGC Current
Figure 8. Fixed Tuned Power Gain Reduction versus
Temperature (See Test Circuit, Figure 19)
Figure 9. Power Gain versus Supply Voltage
(See Test Circuit, Figure 19)
Figure 10. Noise Figure versus Frequency
VCC, SUPPLY VOLTAGE (V)
24
21
18
15
12
9.0
6.0
3.0
0
0
2.0
4.0
6.0
8.0
10
12
14
16
AV
ICC
5.0
10
15
20
25
30
35
40
45
f = 1.0 MHz
Rl = 1.0 Ω
VR(AGC), AGC VOLTAGE (Vdc)
0
10
20
30
40
50
60
70
80
0
3.0
6.0
9.0
12
15
18
21
24
27
30
VR(AGC)
5
RAGC
RAGC = 100 kΩ
MC1490P
RAGC = 5.6 kΩ
RAGC = 0 Ω
IAGC AGC CURRENT (µA)
0
10
20
30
40
50
60
70
80
–40
–20
0
20
40
60
80
100
120
140
160
100 < RAGC < 100 k
VR(AGC), AGC VOLTAGE (Vdc)
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
7.0
–20
–10
0
10
20
30
40
50
+125
°C
+75
°C
0
°C
–55
°C
VCC = 12 Vdc
f = 60 MHz
RAGC = 5.6 kΩ
+25
°C
VCC, POWER SUPPLY VOLTAGE (V)
0
2.0
4.0
6.0
8.0
10
12
14
16
80
70
60
50
40
30
20
10
0
GP
f = 60 MHz
f, FREQUENCY (MHz)
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
15
20
25
30 35 40
50
60 70 80 90 100
150
RS Optimized
for minimum NF
Legacy Applications Information


유사한 부품 번호 - MC1490P

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
MC1490P LANSDALE-MC1490P Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
More results

유사한 설명 - MC1490P

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
logo
Motorola, Inc
MC1590G MOTOROLA-MC1590G Datasheet
517Kb / 8P
   RF/IF/AUDIO AMPLIFIER
logo
Zarlink Semiconductor I...
ZL10060 ZARLINK-ZL10060 Datasheet
312Kb / 38P
   MOPLL with IF AGC Amplifier
SL6140 ZARLINK-SL6140 Datasheet
476Kb / 10P
   400MHZ WIDEBAND AGC AMPLIFIER
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
logo
List of Unclassifed Man...
ISG510067 ETC1-ISG510067 Datasheet
209Kb / 7P
   DTV IF AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510067 SIRENZA-S510067 Datasheet
163Kb / 6P
   DTV IF AGC AMPLIFIER
logo
List of Unclassifed Man...
PS20063 ETC2-PS20063 Datasheet
858Kb / 39P
   Image Reject MOPLL with IF AGC Amplifier
PS20060 ETC2-PS20060 Datasheet
1Mb / 39P
   MOPLL with IF AGC Amplifier Preliminary Information
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC_15 Datasheet
119Kb / 7P
   2 20 GHz Wideband AGC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com