전자부품 데이터시트 검색엔진 |
|
MC13135DW 데이터시트(PDF) 11 Page - LANSDALE Semiconductor Inc. |
|
MC13135DW 데이터시트(HTML) 11 Page - LANSDALE Semiconductor Inc. |
11 / 11 page www.lansdale.com Page 11 of 11 Issue 0 LANSDALE Semiconductor, Inc. ML13135 OUTLINE DIMENSIONS P DIP 24 = LP PLASTIC PACKAGE (ML13135LP) CASE 724–03 ISSUE D SO 24 = -6P PLASTIC PACKAGE (ML13135-6P) CASE 751E–04 ISSUE E MIN MIN MAX MAX INCHES MILLIMETERS DIM 1.265 0.270 0.175 0.020 0.060 0.012 0.140 15 ° 0.040 0.050 BSC 0.100 BSC 0.300 BSC 1.27 BSC 2.54 BSC 7.62 BSC A B C D E F G J K L M N 31.25 6.35 3.69 0.38 1.02 0.18 2.80 0 ° 0.51 32.13 6.85 4.44 0.51 1.52 0.30 3.55 15 ° 1.01 1.230 0.250 0.145 0.015 0.040 0.007 0.110 0 ° 0.020 NOTES: 1. CHAMFERED CONTOUR OPTIONAL. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 4. CONTROLLING DIMENSION: INCH. 112 13 24 –A– –B– C K N –T– SEATING PLANE G E F D 24 PL J 24 PL M NOTE 1 L 0.25 (0.010) T A M M 0.25 (0.010) T B M M T 0.010 (0.25) A B M S S MIN MIN MAX MAX MILLIMETERS INCHES DIM A B C D F G J K M P R 15.25 7.40 2.35 0.35 0.41 0.23 0.13 0 ° 10.05 0.25 15.54 7.60 2.65 0.49 0.90 0.32 0.29 8 ° 10.55 0.75 0.601 0.292 0.093 0.014 0.016 0.009 0.005 0 ° 0.395 0.010 0.612 0.299 0.104 0.019 0.035 0.013 0.011 8 ° 0.415 0.029 1.27 BSC 0.050 BSC NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. –A– –B– 112 24 13 –T– C K SEATING PLANE R X 45° G 22 PL P 12 PL 0.010 (0.25) B M M F J M D 24 PL Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabili- ty, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the customer’s technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc. |
유사한 부품 번호 - MC13135DW |
|
유사한 설명 - MC13135DW |