전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML13155 데이터시트(PDF) 6 Page - LANSDALE Semiconductor Inc.

부품명 ML13155
상세설명  Wideband FM IF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13155 데이터시트(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML13155 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.lansdale.com
Page 6 of 16
Issue A
ML13155
LANSDALE Semiconductor, Inc.
IN2
DEC2
VEE1
RSSI
Buffer
RSSI
VEE2
LIMO2
QUAD2
QUAD1
LIMO1
VCC2
DETO2
DETO1
VCC1
DEC1
IN1
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
Figure 14. S–Parameter Test Circuit
SMA
IF
Input
VEE
+
100n
1.0n
47
1.0n
C15
1.0n
C2
1.0n
SMA
47
1.0n
IF
Output
10
µ
In the S–parameters measurements, the IF is treated as a
two–port linear class A amplifier. The IF amplifier is meas-
ured with a single–ended input and output configuration in
which the Pins 16 and 7 are terminated in the series combina-
tion of a 47 resistor and a 10 nF capacitor to VCC ground
(see Figure 14. S–Parameter Test Circuit).
The S–parameters are in polar form a the magnitude (MAG)
and angle (ANG). Also listed in the tables are the calculated
values for the stability and factor (K) and the Maximum
Available Gain (MAG). These terms are related in the follow-
ing equations:
K = (1–IS11 I2–IS22I2 + I∆I2)/(2 I S12 S21 I)
where: I
∆ I = I S11 S22–S12 S21 I.
MAG = 10 log I S21 I/I S12 I + 10 log I K–(K2–1)1/2 I
where: K >1. The necessary and sufficient conditions for
unconditional stability are given as K>1:
B1 = 1 + I S11 I2 – I S22 I2 – I ∆ I2 > 0


유사한 부품 번호 - ML13155

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
355Kb / 16P
   Wideband FM IF
ML13155-5P LANSDALE-ML13155-5P Datasheet
355Kb / 16P
   Wideband FM IF
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
More results

유사한 설명 - ML13155

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
logo
Motorola, Inc
MC13156 MOTOROLA-MC13156 Datasheet
363Kb / 20P
   Wideband FM IF System
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
Motorola, Inc
MC13158 MOTOROLA-MC13158 Datasheet
381Kb / 24P
   WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com