전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13155D 데이터시트(PDF) 1 Page - LANSDALE Semiconductor Inc.

부품명 MC13155D
상세설명  Wideband FM IF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC13155D 데이터시트(HTML) 1 Page - LANSDALE Semiconductor Inc.

  MC13155D Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.lansdale.com
Page 1 of 16
Issue A
ML13155
Wideband FM IF
Legacy Device: Motorola MC13155
The ML13155 is a complete wideband FM detector designed for
satellite TV and other wideband data and analog FM applica-
tions. This device may be cascaded for higher IF gain and
extended Receive Signal Strength Indicator (RSSI) range.
• 12 MHz Video/Baseband Demodulator
• Ideal for Wideband Data and Analog FM Systems
• Limiter Output for Cascade Operation
• Low Drain Current: 7.0 mA
• Low Supply Voltage: 3.0 to 6.0 V
• Operates to 300 Mhz
• Operating Temperature Range TA = –40 to +85°C
SO–16 = -5P
PLASTIC PACKAGE
CASE 751B
(SO–16)
16
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
SO 16
MC13155D
ML13155-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
PIN CONNECTIONS
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
(Top View)
9
Input
Decouple
VCC1
Output
Output
VCC2
Limiter Out
Quad Coil
Input
Decouple
VEE1
RSSI Buffer
RSSI
VEE2
Limiter Out
Quad Coil
SEMICONDUCTOR TECHNICAL DATA
MAXIMUM RATINGS
Rating
Pin
Symbol
Value
Unit
Power Supply Voltage
11, 14
VEE (max)
6.5
Vdc
Input Voltage
1, 16
Vin
1.0
Vrms
Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
NOTE:
Devices should not be operated at or outside these values. The “Recommended
Operating Conditions” provide for actual device operation.
Figure 1. Representative Block Diagram
Three Stage
Amplifier
Detector
Quad
Coil
8
9
Limiter
Output
Balanced
Outputs
Decouple
7
5
4
2
1
16
10
12
13
Limiter
Output
RSSI
Output
Buffered
RSSI
Output
15
Decouple
NOTE: This device requires careful layout and decoupling to ensure stable operation.
Input
Input


유사한 부품 번호 - MC13155D

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC13155D MOTOROLA-MC13155D Datasheet
310Kb / 16P
   Wideband FM IF
logo
LANSDALE Semiconductor ...
MC13155D LANSDALE-MC13155D Datasheet
355Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155D NXP-MC13155D Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
More results

유사한 설명 - MC13155D

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
logo
Motorola, Inc
MC13156 MOTOROLA-MC13156 Datasheet
363Kb / 20P
   Wideband FM IF System
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
Motorola, Inc
MC13158 MOTOROLA-MC13158 Datasheet
381Kb / 24P
   WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com