전자부품 데이터시트 검색엔진 |
|
MC145106P 데이터시트(PDF) 8 Page - LANSDALE Semiconductor Inc. |
|
MC145106P 데이터시트(HTML) 8 Page - LANSDALE Semiconductor Inc. |
8 / 8 page www.lansdale.com Page 8 of 8 LANSDALE Semiconductor, Inc. ML145106 OUTLINE DIMENSIONS P DIP 18 = VP (ML145106VP) CASE 707–02 MIN MIN MAX MAX MILLIMETERS INCHES DIM 22.22 6.10 3.56 0.36 1.27 1.02 0.20 2.92 23.24 6.60 4.57 0.56 1.78 1.52 0.30 3.43 0 ° 0.51 0.875 0.240 0.140 0.014 0.050 0.040 0.008 0.115 0.915 0.260 0.180 0.022 0.070 0.060 0.012 0.135 15 ° 1.02 2.54 BSC 7.62 BSC 0.100 BSC 0.300 BSC 0 ° 0.020 15 ° 0.040 A B C D F G H J K L M N NOTES: 1. POSITIONAL TOLERANCE OF LEADS (D), SHALL BE WITHIN 0.25 (0.010) AT MAXIMUM MATERIAL CONDITION, IN RELATION TO SEATING PLANE AND EACH OTHER. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 19 10 18 B A H F G D SEATING PLANE N K M J L C NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. –A– –B– 20 1 11 10 S A M 0.010 (0.25) B S T D 20X M B M 0.010 (0.25) P 10X J F G 18X K C –T– SEATING PLANE M R X 45° DIM MIN MAX MIN MAX INCHES MILLIMETERS A 12.65 12.95 0.499 0.510 B 7.40 7.60 0.292 0.299 C 2.35 2.65 0.093 0.104 D 0.35 0.49 0.014 0.019 F 0.50 0.90 0.020 0.035 G 1.27 BSC 0.050 BSC J 0.25 0.32 0.010 0.012 K 0.10 0.25 0.004 0.009 M 0 ° 7 ° 0 ° 7 ° P 10.05 10.55 0.395 0.415 R 0.25 0.75 0.010 0.029 SOG 20W = -6P (ML145106-6P) CASE 751D–04 Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabil- ity, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the cus- tomer’s technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc. Issue b |
유사한 부품 번호 - MC145106P |
|
유사한 설명 - MC145106P |