전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145162P 데이터시트(PDF) 8 Page - LANSDALE Semiconductor Inc.

부품명 MC145162P
상세설명  60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145162P 데이터시트(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button MC145162P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145162P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145162P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145162P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145162P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145162P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC145162P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC145162P Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC145162P Datasheet HTML 12Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.lansdale.com
Page 8 of 24
Issue 0
LANSDALE Semiconductor, Inc.
ML145162
Figure 8. Programming Format of the Control Register
NOTE: ENB must be high during the serial transfer.
ENB
CONTROL REGISTER IDENTIFIER = 1
REF PD
ENABLE
RxPD
ENABLE
TxPD
ENABLE
10
TEST
BIT
AUX
DATA
SELECT
CONTROL REGISTER DATA
Din
REF
OUT
MSB
LSB
CLK
3/
4
Table 1. Control Register Function Bits Description
Test Bit
Set to 1 for Tx/Rx channel counter test mode
Set to 0 for normal application
Aux Data Select
Set to 1 for both ADin and Din pins inputting the transmit 16–bits data and receive 16–bits data
respectively.
Set to 0 for normal application interfacing with MCU serial peripheral interface. Does not use ADin pin;
tie ADin to VSS.
REFout
3/
4
If set to 1, REFout output frequency is equal to OSCout
3.
If set to 0, REFout output is OSCout
4.
TxPD Enable
If set to 1, the transmit counter, transmit phase detector, and the associated circuitry is in power–
down mode.
Tx PS/fTx is set “High”.
RxPD Enable
If set to 1, the receive counter, receive phase detector, and the associated circuitry is in power–
down mode.
Rx PS/fRx is set “High”.
Ref PD Enable
If set to 1, both 12–bit and 14–bit reference frequency counters are in power–down mode.
Table 2. Control Register Power Down Bits Function
TxPD
Enable
RxPD
Enable
REF PD
Enable
Tx–Channel Counter
Rx–Channel Counter
Reference
Frequency Counter
0
0
0
0
0
1
Power Down
0
1
0
Power Down
0
1
1
Power Down
Power Down
1
0
0
Power Down
1
0
1
Power Down
Power Down
1
1
0
Power Down
Power Down
1
1
1
Power Down
Power Down
Power Down


유사한 부품 번호 - MC145162P

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145162P MOTOROLA-MC145162P Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
LANSDALE Semiconductor ...
MC145162P LANSDALE-MC145162P Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
logo
Motorola, Inc
MC145162P1 MOTOROLA-MC145162P1 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
More results

유사한 설명 - MC145162P

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
logo
Motorola, Inc
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
   60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
   Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
   Universal Dual-PLL Frequency Synthesizers?
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com