전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML145162EP 데이터시트(PDF) 10 Page - LANSDALE Semiconductor Inc.

부품명 ML145162EP
상세설명  60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145162EP 데이터시트(HTML) 10 Page - LANSDALE Semiconductor Inc.

Back Button ML145162EP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145162EP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145162EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145162EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145162EP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145162EP Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145162EP Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML145162EP Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML145162EP Datasheet HTML 14Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.lansdale.com
Page 10 of 24
Issue 0
LANSDALE Semiconductor, Inc.
ML145162
Figure 12. Programming Format for Control Register (3–Pin Interfacing Scheme)
AUX DATA SELECT = 0
ENB
CONTROL REGISTER IDENTIFIER = 1
REF PD
ENABLE
RxPD
ENABLE
TxPD
ENABLE
10
TEST
BIT
AUX
DATA
SELECT
CONTROL REGISTER DATA
Din
REF
OUT
MSB
LSB
CLK
NOTE: ENB must be high during the serial transfer.
3/
4
16–BIT Rx COUNTER
DIVIDE RATIO
Din
ENB
16–BIT Tx COUNTER
DIVIDE RATIO
Figure 13. Programming Format for Transmit and Receive Counters
(3–Pin Interfacing Scheme)
CLK
NOTE: ENB must be low during the serial transfer.
LAST
CLOCK
CONTROL REGISTER IDENTIFIER = 1
REF PD
ENABLE
RxPD
ENABLE
TxPD
ENABLE
AUX
DATA
SELECT
REF
OUT
1
Din
ENB
CONTROL REGISTER DATA
AUX DATA SELECT = 1
MSB
LSB
Figure 14. Programming Format for Control Register (4–Pin Interfacing Scheme)
CLK
NOTE: ENB must be high during the serial transfer.
0
TEST
BIT
3/
4


유사한 부품 번호 - ML145162EP

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML145162EP LANSDALE-ML145162EP Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
More results

유사한 설명 - ML145162EP

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
logo
Motorola, Inc
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
   60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
   Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
   Universal Dual-PLL Frequency Synthesizers?
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com