전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AC374 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AC374
상세설명  OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AC374 데이터시트(HTML) 4 Page - Texas Instruments

  SN74AC374 Datasheet HTML 1Page - Texas Instruments SN74AC374 Datasheet HTML 2Page - Texas Instruments SN74AC374 Datasheet HTML 3Page - Texas Instruments SN74AC374 Datasheet HTML 4Page - Texas Instruments SN74AC374 Datasheet HTML 5Page - Texas Instruments SN74AC374 Datasheet HTML 6Page - Texas Instruments SN74AC374 Datasheet HTML 7Page - Texas Instruments SN74AC374 Datasheet HTML 8Page - Texas Instruments SN74AC374 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SN54AC374, SN74AC374
OCTAL DTYPE EDGETRIGGERED FLIPFLOPS
WITH 3STATE OUTPUTS
SCAS543E − OCTOBER 1995 - REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54AC374
SN74AC374
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
60
60
60
MHz
tw
Pulse duration, CLK high or low
5.5
6.5
6
ns
tsu
Setup time, data before CLK
5.5
6.5
6
ns
th
Hold time, data after CLK
1
1
1
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54AC374
SN74AC374
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
100
95
100
MHz
tw
Pulse duration, CLK high or low
4
5
4.5
ns
tsu
Setup time, data before CLK
4
5
4.5
ns
th
Hold time, data after CLK
1.5
1.5
1.5
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
TO
TO
TA = 25°C
SN54AC374
SN74AC374
UNIT
PARAMETER
TO
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
60
110
60
60
MHz
tPLH
CLK
Q
3
11
13.5
3
16.5
1.5
15.5
ns
tPHL
CLK
Q
2.5
10
12.5
3
15
2
14
ns
tPZH
OE
Q
3
9.5
11.5
1
14
1.5
13
ns
tPZL
OE
Q
3.5
9
11.5
1
14
1.5
13
ns
tPHZ
OE
Q
3
10.5
12.5
1
16
2
14.5
ns
tPLZ
OE
Q
2
8
11.5
1
13
1
12.5
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
TO
TO
TA = 25°C
SN54AC374
SN74AC374
UNIT
PARAMETER
TO
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
100
155
95
100
MHz
tPLH
CLK
Q
2.5
8
9.5
3
12
1.5
10.5
ns
tPHL
CLK
Q
2
7
9
3
11
1.5
10
ns
tPZH
OE
Q
2
7
8.5
1.5
10
1
9.5
ns
tPZL
OE
Q
2
6.5
8.5
1.5
10.5
1
9.5
ns
tPHZ
OE
Q
2
8
11
1.5
12.5
2
12.5
ns
tPLZ
OE
Q
1.5
6.5
8.5
1.5
10.5
1
10
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
40
pF


유사한 부품 번호 - SN74AC374

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AC374 TI-SN74AC374 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AC374 TI-SN74AC374 Datasheet
539Kb / 16P
[Old version datasheet]   OCTAL D TYPE EDGE TRIGGERED FLIP FLOPS WITH 3 STATE OUTPUTS
SN74AC374 TI-SN74AC374 Datasheet
668Kb / 17P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP- FLOPS WITH 3-STATE OUTPUTS
SN74AC374 TI-SN74AC374 Datasheet
714Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AC374DB TI-SN74AC374DB Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AC374

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54F374 TI1-SN54F374_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC374 UTC-U74AHC374_15 Datasheet
271Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74HCT374 UTC-U74HCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN74HC534N TI1-SN74HC534N Datasheet
235Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC574 UTC-U74AHC574_15 Datasheet
240Kb / 7P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54ALS374A TI1-SN54ALS374A_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54HC574 TI1-SN54HC574_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHCT374 UTC-U74AHCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54HCT374 TI1-SN54HCT374_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74HC374 UTC-U74HC374_15 Datasheet
233Kb / 5P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com