전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AC374 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AC374
상세설명  OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AC374 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AC374 Datasheet HTML 1Page - Texas Instruments SN74AC374 Datasheet HTML 2Page - Texas Instruments SN74AC374 Datasheet HTML 3Page - Texas Instruments SN74AC374 Datasheet HTML 4Page - Texas Instruments SN74AC374 Datasheet HTML 5Page - Texas Instruments SN74AC374 Datasheet HTML 6Page - Texas Instruments SN74AC374 Datasheet HTML 7Page - Texas Instruments SN74AC374 Datasheet HTML 8Page - Texas Instruments SN74AC374 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54AC374, SN74AC374
OCTAL DTYPE EDGETRIGGERED FLIPFLOPS
WITH 3STATE OUTPUTS
SCAS543E − OCTOBER 1995 - REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 6-V VCC Operation
D Inputs Accept Voltages to 6 V
D Max tpd of 9.5 ns at 5 V
D 3-State Noninverting Outputs Drive Bus
Lines Directly
D Full Parallel Access for Loading
description/ordering information
These 8-bit flip-flops feature 3-state outputs
designed specifically for driving highly capacitive
or relatively low-impedance loads. The devices
are particularly suitable for implementing buffer
registers, I/O ports, bidirectional bus drivers, and
working registers.
The eight flip-flops of the ’AC374 devices are
D-type edge-triggered flip-flops. On the positive
transition of the clock (CLK) input, the Q outputs
are set to the logic levels set up at the data (D)
inputs.
A buffered output-enable (OE) input can be used
to place the eight outputs in either a normal logic
state
(high
or
low
logic
levels)
or
the
high-impedance state. In the high-impedance
state, the outputs neither load nor drive the bus
lines significantly. The high-impedance state and
the increased drive provide the capability to drive
bus lines in bus-organized systems without need
for interface or pullup components.
OE does not affect internal operations of the flip-flop. Old data can be retained or new data can be entered while
the outputs are in the high-impedance state.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74AC374N
SN74AC374N
SOIC − DW
Tube
SN74AC374DW
AC374
SOIC − DW
Tape and reel
SN74AC374DWR
AC374
−40
°C to 85°C
SOP − NS
Tape and reel
SN74AC374NSR
AC374
−40 C to 85 C
SSOP − DB
Tape and reel
SN74AC374DBR
AC374
TSSOP − PW
Tube
SN74AC374PW
AC374
TSSOP − PW
Tape and reel
SN74AC374PWR
AC374
CDIP − J
Tube
SNJ54AC374J
SNJ54AC374J
−55
°C to 125°C
CFP − W
Tube
SNJ54AC374W
SNJ54AC374W
−55 C to 125 C
LCCC − FK
Tube
SNJ54AC374FK
SNJ54AC374FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1Q
1D
2D
2Q
3Q
3D
4D
4Q
GND
VCC
8Q
8D
7D
7Q
6Q
6D
5D
5Q
CLK
SN54AC374 ...J OR W PACKAGE
SN74AC374 . . . DB, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
2D
2Q
3Q
3D
4D
SN54AC374...FK PACKAGE
(TOP VIEW)
8D
7D
7Q
6Q
6D
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


유사한 부품 번호 - SN74AC374

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AC374 TI-SN74AC374 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AC374 TI-SN74AC374 Datasheet
539Kb / 16P
[Old version datasheet]   OCTAL D TYPE EDGE TRIGGERED FLIP FLOPS WITH 3 STATE OUTPUTS
SN74AC374 TI-SN74AC374 Datasheet
668Kb / 17P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP- FLOPS WITH 3-STATE OUTPUTS
SN74AC374 TI-SN74AC374 Datasheet
714Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AC374DB TI-SN74AC374DB Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AC374

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54F374 TI1-SN54F374_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC374 UTC-U74AHC374_15 Datasheet
271Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74HCT374 UTC-U74HCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN74HC534N TI1-SN74HC534N Datasheet
235Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC574 UTC-U74AHC574_15 Datasheet
240Kb / 7P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54ALS374A TI1-SN54ALS374A_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54HC574 TI1-SN54HC574_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHCT374 UTC-U74AHCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54HCT374 TI1-SN54HCT374_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74HC374 UTC-U74HC374_15 Datasheet
233Kb / 5P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com