전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AC374 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AC374
상세설명  OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AC374 데이터시트(HTML) 3 Page - Texas Instruments

  SN74AC374 Datasheet HTML 1Page - Texas Instruments SN74AC374 Datasheet HTML 2Page - Texas Instruments SN74AC374 Datasheet HTML 3Page - Texas Instruments SN74AC374 Datasheet HTML 4Page - Texas Instruments SN74AC374 Datasheet HTML 5Page - Texas Instruments SN74AC374 Datasheet HTML 6Page - Texas Instruments SN74AC374 Datasheet HTML 7Page - Texas Instruments SN74AC374 Datasheet HTML 8Page - Texas Instruments SN74AC374 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SN54AC374, SN74AC374
OCTAL DTYPE EDGETRIGGERED FLIPFLOPS
WITH 3STATE OUTPUTS
SCAS543E − OCTOBER 1995 - REVISED OCTOBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54AC374
SN74AC374
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
2
6
2
6
V
VCC = 3 V
2.1
2.1
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
V
VIH
High-level input voltage
VCC = 5.5 V
3.85
3.85
V
VCC = 3 V
0.9
0.9
VIL
Low-level input voltage
VCC = 4.5V
1.35
1.35
V
VIL
Low-level input voltage
VCC = 5.5 V
1.65
1.65
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 3 V
−12
−12
IOH
High-level output current
VCC = 4.5 V
−24
−24
mA
IOH
High-level output current
VCC = 5.5 V
−24
−24
mA
VCC = 3 V
12
12
IOL
Low-level output current
VCC = 4.5 V
24
24
mA
IOL
Low-level output current
VCC = 5.5 V
24
24
mA
∆t/∆v
Input transition rise or fall rate
8
8
ns/V
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AC374
SN74AC374
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
2.9
IOH = −50 µA
4.5 V
4.4
4.4
4.4
VOH
IOH = −50 µA
5.5 V
5.4
5.4
5.4
V
VOH
IOH = −12 mA
3 V
2.56
2.4
2.46
V
IOH = −24 mA
4.5 V
3.86
3.7
3.76
IOH = −24 mA
5.5 V
4.86
4.7
4.76
3 V
0.1
0.1
0.1
IOL = 50 µA
4.5 V
0.1
0.1
0.1
VOL
IOL = 50 µA
5.5 V
0.1
0.1
0.1
V
VOL
IOL = 12 mA
3 V
0.36
0.5
0.44
V
IOL = 24 mA
4.5 V
0.36
0.5
0.44
IOL = 24 mA
5.5 V
0.36
0.5
0.44
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
IOZ
VO = VCC or GND
5.5 V
±0.25
±5
±2.5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
80
40
µA
Ci
VI = VCC or GND
5 V
4.5
pF


유사한 부품 번호 - SN74AC374

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AC374 TI-SN74AC374 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AC374 TI-SN74AC374 Datasheet
539Kb / 16P
[Old version datasheet]   OCTAL D TYPE EDGE TRIGGERED FLIP FLOPS WITH 3 STATE OUTPUTS
SN74AC374 TI-SN74AC374 Datasheet
668Kb / 17P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP- FLOPS WITH 3-STATE OUTPUTS
SN74AC374 TI-SN74AC374 Datasheet
714Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AC374DB TI-SN74AC374DB Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AC374

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54F374 TI1-SN54F374_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC374 UTC-U74AHC374_15 Datasheet
271Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74HCT374 UTC-U74HCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN74HC534N TI1-SN74HC534N Datasheet
235Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC574 UTC-U74AHC574_15 Datasheet
240Kb / 7P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54ALS374A TI1-SN54ALS374A_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54HC574 TI1-SN54HC574_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHCT374 UTC-U74AHCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54HCT374 TI1-SN54HCT374_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74HC374 UTC-U74HC374_15 Datasheet
233Kb / 5P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com