전자부품 데이터시트 검색엔진 |
|
ML145502WP 데이터시트(PDF) 10 Page - LANSDALE Semiconductor Inc. |
|
ML145502WP 데이터시트(HTML) 10 Page - LANSDALE Semiconductor Inc. |
10 / 26 page ML145502, ML145503, ML145505 LANSDALE Semiconductor, Inc. RDD Receive Digital Data Input RDD is the receive digital data input. The timing for this pin is controlled by RDC and RCE. The data format is determined by the Mu/A pin. Mu/A Select This pin selects the companding law and the data format at TDD and RDD. Mu/A = VDD; Mu–255 Companding D3 Data Format with Zero Code Suppress Mu/A = VAG; Mu–255 Companding with Sign Magnitude Data Format Mu/A = VSS; A–Law Companding with CCITT Data Format Bit Inversions PDI Power Down Input The power down input disables the bias circuitry and gates off all clock inputs. This puts the VAG, Txl, RxO, RxO, and TDD outputs into a high–impedance state. The power dissipation is reduced to 0.1 mW when PDI is a low logic level. The circuit operates normally with PDI = VDD or with a logic high as defined by connection at VLS. TDD will not come out of high impedance for two MSI cycles after PDI goes high. DCLK Data Clock Input In the ML145505, TDC and RDC are internally connected to DCLK. ANALOG VAG Analog Ground input/Output Pin VAG is the analog ground power supply input/output. All analog signals into and out of the device use this as their ground reference. Each version of the ML1455xx PCM Codec–Filter family can pro- vide its own analog ground supply internally. The DC voltage of this internal supply is 6% positive of the midway between VDD and VSS. This supply can sink more than 8 mA but has a current source limited to 400 µA.The output of this supply is internally connected to the analog ground input of the part. The node where this supply and the analog ground are connected is brought out to the VAG pin. In symmetric dual supply systems (±5, ±6, etc.), VAG may be exter- nally tied to the system analog ground supply. When RxO or RxO drive low impedance loads tied to VAG, a pull–up resistor to VDD will be required to boost the source current capability if VAG is not tied to the supply ground. All analog signals for the part are refer- enced to VAG, including noise; therefore, decoupling capacitors (0.1 µF) should be used from VDD to VAG and VSS to VAG. Vref Positive Voltage Reference Input (ML145502 Only) The Vref pin allows an external reference voltage to be used for the A/D and D/A conversions. If Vref is tied to VSS, the internal ref- erence is selected. If Vref > VAG, then the external mode is selected and the voltage applied to Vref is used for generating the internal converter reference voltage. In either internal or external reference mode, the actual voltage used for conversion is multiplied by the ratio selected by the RSI pin. The RSI pin circuitry is explained under its pin description below. Both the internal and external refer- ences are inverted within the PCM Codec–Filter for negative input voltages such that only one reference is required. External Mode — In the external reference mode (Vref >VAG), a 2.5 V reference like the MC1403 may be connected from Vref to VAG. A single external reference may be shared by tying together a number of Vref pins and VAG pins from different codec–filters. In special applications, the external reference voltage may be between 0.5 and 5 V. However, the reference voltage gain selection circuitry associated with RSI must be considered to arrive at the desired codec–filter gain. Internal Mode — In the internal reference mode (Vref =VSS), an internal 2.5 V reference supplies the reference voltage for the RSI circuitry. The Vref pin is functionally connected to VSS for the ML145503,and ML145505 pinouts. RSI Reference Select Input (ML145502 Only) The RSI input allows the selection of three different overload or full–scale A/D and D/A converter reference voltages independent of the internal or external reference mode. The RSI pin is a digital input that senses three different logic states: VSS, VAG, and VDD. For RSI = VAG, the reference voltage is used directly for the con- verters. The internal reference is 2.5 V. For RSI = VSS, the reference voltage is multiplied by the ratio of 1.26, which results in an internal converter reference of 3.15 V. For RSI = VDD, the reference voltage is multiplied by 1.51, which results in an internal converter reference of 3.78 V. The device requires a minimum of 1.0 V of headroom between the internal converter reference to VDD. VSS has this same absolute valued minimum, also measured from VAG pin. The vari- ous modes of operation are summarized in Table 2. The RSI pin is functionally connected to VSS for the ML145503, and ML145505 pinouts. www.lansdale.com Page 10 of 26 Issue A Code Sign/ Magnitude Mu–Law A–Law (CCITT) + Full Scale 1111 1111 1000 0000 1010 1010 + Zero 1000 0000 1111 1111 1101 0101 – Zero 0000 0000 0111 1111 0101 0101 – Full Scale 0111 1111 0000 0010 0010 1010 01 2 3 4 5 6 7 SIGN BIT CHORD BITS STEP BITS NOTE: Starting from sign magnitude, to change format: To Mu–Law — MSB is unchanged (sign) Invert remaining seven bits If code is 0000 0000, change to 0000 0010 (for zero code suppression) To A–Law — MSB is unchanged (sign) Invert odd numbered bits Ignore zero code suppression |
유사한 부품 번호 - ML145502WP |
|
유사한 설명 - ML145502WP |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |