전자부품 데이터시트 검색엔진 |
|
IRFB31N20DPBF 데이터시트(PDF) 1 Page - International Rectifier |
|
IRFB31N20DPBF 데이터시트(HTML) 1 Page - International Rectifier |
1 / 12 page 3/1/04 www.irf.com 1 SMPS MOSFET HEXFET® Power MOSFET l High Frequency DC-DC converters l Lead-Free Benefits Applications l Low Gate to Drain to Reduce Switching Losses l Fully Characterized Capacitance Including Effective COSS to Simplify Design,(See AN 1001) l Fully Characterized Avalanche Voltage and Current VDSS RDS(on) max ID 200V 0.082 Ω 31A Applicable Off Line SMPS Topologies l Telecom 48V Input DC/DC Active Clamp Reset Forward Converter Notes through are on page 11 IRFB31N20DPbF IRFS31N20DPbF IRFSL31N20DPbF D2Pak IRFS31N20DPbF TO-220AB IRFB31N20DPbF TO-262 IRFSL31N20DPbF Parameter Max. Units ID @ TC = 25°C Continuous Drain Current, VGS @ 10V 31 ID @ TC = 100°C Continuous Drain Current, VGS @ 10V 21 A IDM Pulsed Drain Current 124 PD @TA = 25°C Power Dissipation 3.1 W PD @TC = 25°C Power Dissipation 200 Linear Derating Factor 1.3 W/°C VGS Gate-to-Source Voltage ± 30 V dv/dt Peak Diode Recovery dv/dt 2.1 V/ns TJ Operating Junction and -55 to + 175 TSTG Storage Temperature Range Soldering Temperature, for 10 seconds 300 (1.6mm from case ) °C Mounting torqe, 6-32 or M3 screw 10 lbf•in (1.1N•m) Absolute Maximum Ratings PD - 94946 |
유사한 부품 번호 - IRFB31N20DPBF |
|
유사한 설명 - IRFB31N20DPBF |