전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G240YZPR 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G240YZPR
상세설명  LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G240YZPR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SN74AUP1G240YZPR Datasheet HTML 3Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 4Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 5Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 6Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 9Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 10Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.ti.com
Operating Characteristics
SN74AUP1G240
LOW-POWER SINGLE BUFFER/DRIVER
WITH 3-STATE OUTPUT
SCES627A – MARCH 2005 – REVISED AUGUST 2006
T
A = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
4
1.2 V
± 0.1 V
3.9
1.5 V
± 0.1 V
3.9
Outputs enabled
1.8 V
± 0.15 V
3.9
2.5 V
± 0.2 V
4
3.3 V
± 0.3 V
4.2
Cpd
Power dissipation capacitance
f = 10 MHz
pF
0.8 V
0
1.2 V
± 0.1 V
0
1.5 V
± 0.1 V
0
Outputs disabled
1.8 V
± 0.15 V
0
2.5 V
± 0.2 V
0
3.3 V
± 0.3 V
0
7
Submit Documentation Feedback


유사한 부품 번호 - SN74AUP1G240YZPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G240YZPR TI-SN74AUP1G240YZPR Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240YZPR TI1-SN74AUP1G240YZPR Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
SN74AUP1G240YZPR TI1-SN74AUP1G240YZPR Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
More results

유사한 설명 - SN74AUP1G240YZPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G240 TI-SN74AUP1G240_10 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240_10 Datasheet
476Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240 Datasheet
487Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240_08 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI1-SN74LVC1G240_16 Datasheet
1Mb / 22P
[Old version datasheet]   Single Buffer/Driver With 3-State Output
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com