전자부품 데이터시트 검색엔진 |
|
LM4040A10IDCKRG4 데이터시트(PDF) 2 Page - Texas Instruments |
|
LM4040A10IDCKRG4 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 50 page www.ti.com LM4040 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE SLOS456J – JANUARY 2005 – REVISED SEPTEMBER 2006 ORDERING INFORMATION DEVICE ORDERABLE TOP-SIDE TA VKA PACKAGE(1) GRADE PART NUMBER MARKING(2) SC-70 (DCK) Reel of 3000 LM4040A20IDCKR MS_ Reel of 3000 LM4040A20IDBZR SOT-23-3 (DBZ) 4MC_ 2.048 V Reel of 250 LM4040A20IDBZT Bulk of 1000 LM4040A20ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040A20ILPR SC-70 (DCK) Reel of 3000 LM4040A25IDCKR P2_ Reel of 3000 LM4040A25IDBZR SOT-23-3 (DBZ) 4NG_ 2.5 V Reel of 250 LM4040A25IDBZT Bulk of 1000 LM4040A25ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040A25ILPR SC-70 (DCK) Reel of 3000 LM4040A30IDCKR P9_ Reel of 3000 LM4040A30IDBZR SOT-23-3 (DBZ) 4M6_ 3 V Reel of 250 LM4040A30IDBZT Bulk of 1000 LM4040A30ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040A30ILPR A grade: SC-70 (DCK) Reel of 3000 LM4040A41IDCKR P4_ 0.1% initial Reel of 3000 LM4040A41IDBZR accuracy SOT-23-3 (DBZ) 4M2_ –40 °C to 85°C and 4.096 V Reel of 250 LM4040A41IDBZT 100 ppm/ °C Bulk of 1000 LM4040A41ILP temperature TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040A41ILPR coefficient SC-70 (DCK) Reel of 3000 LM4040A50IDCKR N5_ Reel of 3000 LM4040A50IDBZR SOT-23-3 (DBZ) 4NA_ 5 V Reel of 250 LM4040A50IDBZT Bulk of 1000 LM4040A50ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040A50ILPR SC-70 (DCK) Reel of 3000 LM4040A82IDCKR PD_ Reel of 3000 LM4040A82IDBZR SOT-23-3 (DBZ) 4NL_ 8.192 V Reel of 250 LM4040A82IDBZT Bulk of 1000 LM4040A82ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040A82ILPR SC-70 (DCK) Reel of 3000 LM4040A10IDCKR PH_ Reel of 3000 LM4040A10IDBZR SOT-23-3 (DBZ) 4NQ_ 10 V Reel of 250 LM4040A10IDBZT Bulk of 1000 LM4040A10ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040A10ILPR (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. (2) DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site. 2 Submit Documentation Feedback |
유사한 부품 번호 - LM4040A10IDCKRG4 |
|
유사한 설명 - LM4040A10IDCKRG4 |