전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS151DG4 데이터시트(PDF) 6 Page - Texas Instruments

부품명 SN74ALS151DG4
상세설명  1-OF-8 DATA SELECTORS/MULTIPLEXERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS151DG4 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74ALS151DG4 Datasheet HTML 2Page - Texas Instruments SN74ALS151DG4 Datasheet HTML 3Page - Texas Instruments SN74ALS151DG4 Datasheet HTML 4Page - Texas Instruments SN74ALS151DG4 Datasheet HTML 5Page - Texas Instruments SN74ALS151DG4 Datasheet HTML 6Page - Texas Instruments SN74ALS151DG4 Datasheet HTML 7Page - Texas Instruments SN74ALS151DG4 Datasheet HTML 8Page - Texas Instruments SN74ALS151DG4 Datasheet HTML 9Page - Texas Instruments SN74ALS151DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SN54ALS151, SN74ALS151, SN74AS151
1OF8 DATA SELECTORS/MULTIPLEXERS
SDAS205A − APRIL 1982 − REVISED DECEMBER 1994
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
SERIES 54ALS/74ALS AND 54AS/ 74AS DEVICES
tPHZ
tPLZ
tPHL
tPLH
0.3 V
tPZL
tPZH
tPLH
tPHL
LOAD CIRCUIT
FOR 3-STATE OUTPUTS
From Output
Under Test
Test
Point
R1
S1
CL
(see Note A)
7 V
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
Data
Input
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
High-Level
Pulse
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATIONS
Input
Out-of-Phase
Output
(see Note C)
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
VOL
VOH
VOH
VOL
Output
Control
(low-level
enabling)
Waveform 1
S1 Closed
(see Note B)
Waveform 2
S1 Open
(see Note B)
[0 V
VOH
VOL
[3.5 V
In-Phase
Output
0.3 V
1.3 V
1.3 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
R2
VCC
RL
Test
Point
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
FOR OPEN-COLLECTOR OUTPUTS
LOAD CIRCUIT FOR
BI-STATE
TOTEM-POLE OUTPUTS
From Output
Under Test
Test
Point
CL
(see Note A)
RL
RL = R1 = R2
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. When measuring propagation delay items of 3-state outputs, switch S1 is open.
D. All input pulses have the following characteristics: PRR
≤ 1 MHz, tr = tf = 2 ns, duty cycle = 50%.
E. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuits and Voltage Waveforms


유사한 부품 번호 - SN74ALS151DG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS151D TI-SN74ALS151D Datasheet
110Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74ALS151D TI1-SN74ALS151D Datasheet
743Kb / 16P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74ALS151DR TI1-SN74ALS151DR Datasheet
743Kb / 16P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74ALS151DRE4 TI1-SN74ALS151DRE4 Datasheet
743Kb / 16P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
More results

유사한 설명 - SN74ALS151DG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74F151BDR TI1-SN74F151BDR Datasheet
80Kb / 5P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
logo
Hitachi Semiconductor
HD74LS152 HITACHI-HD74LS152 Datasheet
55Kb / 6P
   1-of-8 Data Selectors/Multiplexers
logo
Texas Instruments
SN54F151B TI-SN54F151B Datasheet
76Kb / 5P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54ALS151 TI-SN54ALS151 Datasheet
110Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54ALS151 TI-SN54ALS151_08 Datasheet
792Kb / 18P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
logo
Aeroflex Circuit Techno...
UT54ACS151 AEROFLEX-UT54ACS151 Datasheet
239Kb / 10P
   1 of 8 Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS151 TI1-SN54ALS151_15 Datasheet
743Kb / 16P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54F151B TI1-SN54F151B_08 Datasheet
92Kb / 5P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
logo
Hitachi Semiconductor
HD74LS151 HITACHI-HD74LS151 Datasheet
61Kb / 6P
   1-of-8 Data Selectors/Multiplexers(with strobe)
logo
National Semiconductor ...
DM74253 NSC-DM74253 Datasheet
167Kb / 4P
   TRI-STATE 1 of 8 Line Data Selectors/Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com