전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7404QPBF 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRF7404QPBF
상세설명  HEXFET Power MOSFET ( VDSS = -20V , RDS(on) = 0.040廓 )
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7404QPBF 데이터시트(HTML) 5 Page - International Rectifier

  IRF7404QPBF Datasheet HTML 1Page - International Rectifier IRF7404QPBF Datasheet HTML 2Page - International Rectifier IRF7404QPBF Datasheet HTML 3Page - International Rectifier IRF7404QPBF Datasheet HTML 4Page - International Rectifier IRF7404QPBF Datasheet HTML 5Page - International Rectifier IRF7404QPBF Datasheet HTML 6Page - International Rectifier IRF7404QPBF Datasheet HTML 7Page - International Rectifier IRF7404QPBF Datasheet HTML 8Page - International Rectifier IRF7404QPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRF7404QPbF
www.irf.com
5
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 9. Maximum Drain Current Vs.
Ambient Temperature
Fig 10b. Switching Time Waveforms
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
VDS
VGS
RG
RD
D.U.T.
-4.5V
Pulse Width
≤ 1µs
Duty Factor ≤ 0.1%
V
DD
+
-
A
25
50
75
100
125
150
0.0
2.0
4.0
6.0
8.0
T , Case Temperature ( C)
°
C


유사한 부품 번호 - IRF7404QPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7404 IRF-IRF7404 Datasheet
163Kb / 8P
   HEXFET Power MOSFET
logo
Analog Devices
IRF7404 AD-IRF7404 Datasheet
416Kb / 24P
   Thermoelectric Cooler Controller
REV. C
IRF7404 AD-IRF7404 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
logo
Guangdong Youtai Semico...
IRF7404 UMW-IRF7404 Datasheet
394Kb / 8P
   P-Channel MOSFET
logo
International Rectifier
IRF7404PBF IRF-IRF7404PBF Datasheet
231Kb / 9P
   HEXFET Power MOSFET
More results

유사한 설명 - IRF7404QPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7604PBF IRF-IRF7604PBF Datasheet
508Kb / 8P
   HEXFET POWER MOSFET ( VDSS = -20V , RDS(on) = 0.09廓 )
IRLR3714PBF IRF-IRLR3714PBF Datasheet
227Kb / 11P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m廓 , ID = 36A )
IRF7457PBF IRF-IRF7457PBF Datasheet
177Kb / 8P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 7.0m廓 , ID = 15A )
IRF7303PBF IRF-IRF7303PBF Datasheet
230Kb / 9P
   HEXFET Power MOSFET (VDSS = 30V , RDS(on) = 0.050廓 )
IRFP3710PBF IRF-IRFP3710PBF Datasheet
233Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025廓 , ID = 57A )
IRFZ48RSPBF IRF-IRFZ48RSPBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
IRFD9110PBF IRF-IRFD9110PBF Datasheet
1Mb / 8P
   HEXFET POWER MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -0.70A )
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRFR9210PBF IRF-IRFR9210PBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com