전자부품 데이터시트 검색엔진 |
|
CB1SMU311553329 데이터시트(PDF) 3 Page - Bookham, Inc. |
|
CB1SMU311553329 데이터시트(HTML) 3 Page - Bookham, Inc. |
3 / 4 page Data Sheet 3 -1 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0 1525 1535 1545 1555 1565 1575 Wavelength (nm) Transmission Response Parameter Min Nominal Max Unit 1.1a Diameter (for H package) 4.1 4.2 4.3 mm 1.1b Diameter (for S package) 5.4 5.5 5.6 mm 1.1c Diameter (for C package) 3.17 3.2 3.23 mm 1.2 Length without boots (for S package) 32.0 35 40.0 mm 1.3a Over-all Length (for H package) 25.0 26.5 28.0 mm 1.3b Over-all Length (for S package) 41.0 51 63.0 mm 1.3c Over-all Length (for C package) 35.5 36.5 37.5 mm Component Dimensions Table 1. Mechanical Specifications. |
유사한 부품 번호 - CB1SMU311553329 |
|
유사한 설명 - CB1SMU311553329 |