전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3906 데이터시트(PDF) 3 Page - Pan Jit International Inc.

부품명 2N3906
상세설명  PNP GENERAL PURPOSE SWITCHING TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2N3906 데이터시트(HTML) 3 Page - Pan Jit International Inc.

  2N3906 Datasheet HTML 1Page - Pan Jit International Inc. 2N3906 Datasheet HTML 2Page - Pan Jit International Inc. 2N3906 Datasheet HTML 3Page - Pan Jit International Inc. 2N3906 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
REV.0-DEC.12.2005
2N3906
ELECTRICAL CHARACTERISTICS CURVES
0
50
100
150
200
250
300
0.01
0.1
1
10
100
1000
Collector Current, I
C (mA)
V
CE = 1V
T
J = 100° C
T
J = 25° C
T
J = 150° C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
1000
Collector Current, I
C (mA)
T
J = 100° C
T
J = 25° C
T
J
= 150° C
V
CE = 1V
0.100
1.000
0.01
0.1
1
10
100
Collector Current, I
C (mA)
T
J = 100°
C
TJ = 25° C
T
J = 150° C
IC/IB = 10
0.01
0.10
1.00
0.01
0.1
1
10
100
1000
Collector Current, I
C (mA)
T
J = 25°
TJ = 150°
I
C/IB = 10
1
10
0.1
1
10
100
Reverse Voltage, VR (V)
CIB (EB)
COB (CB)
Fig. 1. Typical hFE vs. Collector Current
Fig. 2. Typical VBE vs. Collector Current
Fig. 3. Typical VCE (sat) vs. Collector Current
Fig. 4. Typical VBE (sat) vs. Collector Current
Fig. 5. Typical Capacitances vs. Reverse Voltage


유사한 부품 번호 - 2N3906

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2N3906 ONSEMI-2N3906 Datasheet
145Kb / 6P
   General Purpose Transistors(PNP Silicon)
1996 REV 2
logo
New Jersey Semi-Conduct...
2N3906 NJSEMI-2N3906 Datasheet
173Kb / 2P
   PNP SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
logo
Diotec Semiconductor
2N3906 DIOTEC-2N3906 Datasheet
99Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Jiangsu Changjiang Elec...
2N3906 JIANGSU-2N3906 Datasheet
506Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Silicon Standard Corp.
2N3906 SSC-2N3906 Datasheet
261Kb / 4P
   TRANSISTOR(PNP)
More results

유사한 설명 - 2N3906

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
MMBT3906 PANJIT-MMBT3906_08 Datasheet
164Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W Datasheet
115Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W_10 Datasheet
128Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4403W PANJIT-MMBT4403W_09 Datasheet
273Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906TB PANJIT-MMBT3906TB Datasheet
479Kb / 5P
   PNP General Purpose Switching Transistor
August 10,2022 MMBT3906TB-REV.01
logo
Diotech Company.
MMBT3906 DIOTECH-MMBT3906 Datasheet
2Mb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2SB2907 PANJIT-2SB2907 Datasheet
716Kb / 7P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907A PANJIT-MMBT2907A Datasheet
874Kb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907AW PANJIT-MMBT2907AW Datasheet
159Kb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906-AU PANJIT-MMBT3906-AU Datasheet
312Kb / 6P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com