전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB1ZFA421560200 데이터시트(PDF) 2 Page - Bookham, Inc.

부품명 CB1ZFA421560200
상세설명  Banded Skip Filters for 100GHz Add/Drop Multiplexing
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOOKHAM [Bookham, Inc.]
홈페이지  
Logo BOOKHAM - Bookham, Inc.

CB1ZFA421560200 데이터시트(HTML) 2 Page - Bookham, Inc.

  CB1ZFA421560200 Datasheet HTML 1Page - Bookham, Inc. CB1ZFA421560200 Datasheet HTML 2Page - Bookham, Inc. CB1ZFA421560200 Datasheet HTML 3Page - Bookham, Inc. CB1ZFA421560200 Datasheet HTML 4Page - Bookham, Inc. CB1ZFA421560200 Datasheet HTML 5Page - Bookham, Inc. CB1ZFA421560200 Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet
2
Band Filters for 100GHz
Typical design specifications (valid over operating temperature)
Notes:
[1] Loss values do not include connectors
[2] Measured over operating temperature and ASOP
[3] Nominal Overall Length. Standard Package without boots nominally 35mm.
Transmitted Channel
Standard 2s0 Standard 4s0 Standard 4s1 Standard 8s0 Standard 10s0
Spec #0490
Spec #0491
Spec #0492
Spec #0508
Spec #0493
Unit
Clear Channel Passband
127.5
327.5
327.50
727.50
927.50
Min
GHz
Isolation Bandwidth
272.5
472.5
672.50
872.50
1072.50
Max
GHz
Insertion Loss
[1][2]
0.8
0.9
0.9
0.9
0.8
Max
dB
IL Variation
[1]
0.3
0.3
0.4
0.4
0.4
Max
dB
Adjacent Channel Isolation
[1]
25
25
25
15
15.5
Min
dB
Return Loss
[2]
45
45
45
45
45
Min
dB
Directivity
[2]
45
45
45
45
45
Min
dB
PDL
[2]
0.2
0.2
0.2
0.2
0.2
Max
dB
Reflected Channel
Insertion Loss
[1][2]
0.4
0.4
0.4
0.45
0.45
Max
dB
Isolation
[1]
14
12
13
12
12.5
Min
dB
PDL
[2]
0.2
0.2
0.2
0.2
0.2
Max
dB
Component Parameters
Operating Temperature
-5 to 70
°C
Storage Temperature
-40 to 85
°C
Dimensions
[3]
5.5 (Ø) x 51 (L)
mm
(Standard Package)


유사한 부품 번호 - CB1ZFA421560200

제조업체부품명데이터시트상세설명
logo
Bookham, Inc.
CB1ZFA421560200 BOOKHAM-CB1ZFA421560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
More results

유사한 설명 - CB1ZFA421560200

제조업체부품명데이터시트상세설명
logo
Bookham, Inc.
CB1SLU111560200 BOOKHAM-CB1SLU111560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CBWSLU1115533290653 BOOKHAM-CBWSLU1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
MXWL04010315 BOOKHAM-MXWL04010315 Datasheet
169Kb / 3P
   4 Band (10-skip-0) Optical Add/Drop Multiplexer for 40 Channel systems
logo
JDS Uniphase Corporatio...
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
   Add/Drop Optical Fiber Switches
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
logo
JDS Uniphase Corporatio...
ADM-1F2721010 JDSU-ADM-1F2721010 Datasheet
92Kb / 4P
   Filter Add/Drop Module 100 GHz Spacing
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com