전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB1SSU231560200 데이터시트(PDF) 3 Page - Bookham, Inc.

부품명 CB1SSU231560200
상세설명  Banded Skip Filters for 100GHz Add/Drop Multiplexing
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOOKHAM [Bookham, Inc.]
홈페이지  
Logo BOOKHAM - Bookham, Inc.

CB1SSU231560200 데이터시트(HTML) 3 Page - Bookham, Inc.

  CB1SSU231560200 Datasheet HTML 1Page - Bookham, Inc. CB1SSU231560200 Datasheet HTML 2Page - Bookham, Inc. CB1SSU231560200 Datasheet HTML 3Page - Bookham, Inc. CB1SSU231560200 Datasheet HTML 4Page - Bookham, Inc. CB1SSU231560200 Datasheet HTML 5Page - Bookham, Inc. CB1SSU231560200 Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data Sheet
3
-30
-25
-20
-15
-10
-5
0
1552
1553
1554
1555
1556
Wavelength (nm)
Transmission (-5C)
Reflection (-5C)
Transmission (70C)
Reflection (70C)
Transmission (25C)
Reflection (25C)
Example Applications and Performance
Banded 4-skip-0 applications and 4-skip-0 performance at -5C, 25C, and 70C
4 skip 0
4 skip 0
4 Channel
Demux
Add
4 Channel
Mux
Drop
Banded OADM
4 skip 0
4 skip 0
4 skip 0
4 skip 0
Banded Mux/Demux


유사한 부품 번호 - CB1SSU231560200

제조업체부품명데이터시트상세설명
logo
Bookham, Inc.
CB1SSU231560200 BOOKHAM-CB1SSU231560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
More results

유사한 설명 - CB1SSU231560200

제조업체부품명데이터시트상세설명
logo
Bookham, Inc.
CB1SLU111560200 BOOKHAM-CB1SLU111560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CBWSLU1115533290653 BOOKHAM-CBWSLU1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
MXWL04010315 BOOKHAM-MXWL04010315 Datasheet
169Kb / 3P
   4 Band (10-skip-0) Optical Add/Drop Multiplexer for 40 Channel systems
logo
JDS Uniphase Corporatio...
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
   Add/Drop Optical Fiber Switches
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
logo
JDS Uniphase Corporatio...
ADM-1F2721010 JDSU-ADM-1F2721010 Datasheet
92Kb / 4P
   Filter Add/Drop Module 100 GHz Spacing
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com