전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HC374M96G4 데이터시트(PDF) 1 Page - Texas Instruments

부품명 CD74HC374M96G4
상세설명  High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HC374M96G4 데이터시트(HTML) 1 Page - Texas Instruments

  CD74HC374M96G4 Datasheet HTML 1Page - Texas Instruments CD74HC374M96G4 Datasheet HTML 2Page - Texas Instruments CD74HC374M96G4 Datasheet HTML 3Page - Texas Instruments CD74HC374M96G4 Datasheet HTML 4Page - Texas Instruments CD74HC374M96G4 Datasheet HTML 5Page - Texas Instruments CD74HC374M96G4 Datasheet HTML 6Page - Texas Instruments CD74HC374M96G4 Datasheet HTML 7Page - Texas Instruments CD74HC374M96G4 Datasheet HTML 8Page - Texas Instruments CD74HC374M96G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS183C
Features
• Buffered Inputs
• Common Three-State Output Enable Control
• Three-State Outputs
• Bus Line Driving Capability
• Typical Propagation Delay (Clock to Q) = 15ns at
VCC = 5V, CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2-V to 6-V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5-V to 5.5-V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC374, ’HCT374, ’HC574, and ’HCT574 are octal D-type
flip-flops with 3-state outputs and the capability to drive 15
LSTTL loads. The eight edge-triggered flip-flops enter data into
their registers on the LOW to HIGH transition of clock (CP). The
output enable (OE) controls the 3-state outputs and is
independent of the register operation. When OE is HIGH, the
outputs are in the high-impedance state. The 374 and 574 are
identical in function and differ only in their pinout arrangements.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC374F3A
-55 to 125
20 Ld CERDIP
CD54HC574F3A
-55 to 125
20 Ld CERDIP
CD54HCT374F3A
-55 to 125
20 Ld CERDIP
CD54HCT574F3A
-55 to 125
20 Ld CERDIP
CD74HC374E
-55 to 125
20 Ld PDIP
CD74HC374M
-55 to 125
20 Ld SOIC
CD74HC374M96
-55 to 125
20 Ld SOIC
CD74HC574E
-55 to 125
20 Ld PDIP
CD74HC574M
-55 to 125
20 Ld SOIC
CD74HC574M96
-55 to 125
20 Ld SOIC
CD74HCT374E
-55 to 125
20 Ld PDIP
CD74HCT374M
-55 to 125
20 Ld SOIC
CD74HCT374M96
-55 to 125
20 Ld SOIC
CD74HCT574E
-55 to 125
20 Ld PDIP
CD74HCT574M
-55 to 125
20 Ld SOIC
CD74HCT574M96
-55 to 125
20 Ld SOIC
CD74HCT574PWR
-55 to 125
20 Ld TSSOP
NOTE: When ordering, use the entire part number. The suffixes
96 and R denote tape and reel.
February 1998 - Revised May 2004
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2004, Texas Instruments Incorporated
CD54/74HC374, CD54/74HCT374,
CD54/74HC574, CD54/74HCT574
High-Speed CMOS Logic Octal D-Type Flip-Flop,
3-State Positive-Edge Triggered
[ /Title
(CD74
HC374
,
CD74
HCT37
4,
CD74
HC574
,
CD74
HCT57


유사한 부품 번호 - CD74HC374M96G4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC374M96 TI-CD74HC374M96 Datasheet
293Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HC374M96 TI-CD74HC374M96 Datasheet
48Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HC374M96 TI1-CD74HC374M96 Datasheet
1Mb / 22P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HC374M96E4 TI1-CD74HC374M96E4 Datasheet
1Mb / 22P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
More results

유사한 설명 - CD74HC374M96G4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT574-EP TI1-CD74HCT574-EP Datasheet
622Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE,POSITIVE-EDGE TRIGGERED
CD54HC374 TI-CD54HC374_03 Datasheet
48Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD54HC374 TI1-CD54HC374_16 Datasheet
1Mb / 22P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HCT574-Q1 TI1-CD74HCT574-Q1_16 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE POSITIVE-EDGE TRIGGERED
CD54HC374 TI-CD54HC374 Datasheet
293Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HC374 TI-CD74HC374 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered
CD74HC534 TI-CD74HC534 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534_07 Datasheet
431Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534 Datasheet
287Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534_08 Datasheet
461Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com