전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7403BSTZ-1102 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADV7403BSTZ-1102
상세설명  12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7403BSTZ-1102 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADV7403BSTZ-1102 Datasheet HTML 6Page - Analog Devices ADV7403BSTZ-1102 Datasheet HTML 7Page - Analog Devices ADV7403BSTZ-1102 Datasheet HTML 8Page - Analog Devices ADV7403BSTZ-1102 Datasheet HTML 9Page - Analog Devices ADV7403BSTZ-1102 Datasheet HTML 10Page - Analog Devices ADV7403BSTZ-1102 Datasheet HTML 11Page - Analog Devices ADV7403BSTZ-1102 Datasheet HTML 12Page - Analog Devices ADV7403BSTZ-1102 Datasheet HTML 13Page - Analog Devices ADV7403BSTZ-1102 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADV7403
Rev. SpA | Page 10 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
3
4
7
6
5
1
8
9
10
12
13
14
15
16
17
18
19
20
21
22
23
24
25
11
74
73
72
69
70
71
75
68
67
66
64
63
62
61
60
59
58
57
56
55
54
53
52
51
65
PIN 1
ADV7403
LQFP
TOP VIEW
(Not to Scale)
P11
P32
P31
INT
CS/HS
DGND
DVDDIO
P15
P14
P13
P12
DGND
DVDD
P29
P28
SFL/SYNC_OUT
SCLK2
DGND
DVDDIO
SDA2
P10
P9
P8
P27
P7
AIN2
AIN8
AIN1
AIN7
SOG
AIN9
AIN3
TEST1
AGND
CAPY1
CAPY2
AVDD
REFOUT
CML
AGND
BIAS
CAPC1
CAPC2
TEST0
AIN10
AIN4
AIN11
AIN5
AIN12
FB
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type
Function
5, 11, 17, 40, 89
DGND
G
Digital Ground.
49, 50, 60, 66
AGND
G
Analog Ground.
6, 18
DVDDIO
P
Digital I/O Supply Voltage (3.3 V).
12, 39, 90
DVDD
P
Digital Core Supply Voltage (1.8 V).
63
AVDD
P
Analog Supply Voltage (3.3 V).
47, 48
PVDD
P
PLL Supply Voltage (1.8 V).
51
FB
I
Fast Switch Overlay Input. This pin switches between CVBS and RGB analog signals.
54, 56, 58, 72, 74,
76, 53, 55, 57, 71,
73, 75
AIN1 to AIN12
I
Analog Video Input Channels.
42, 41, 28, 27, 26,
25, 23, 22, 10, 9, 8,
7, 94, 93, 92, 91
P2 to P9, P12 to P19
O
Video Pixel Output Port.
44, 43, 21, 20, 45,
34, 33, 32, 31, 30,
29, 24, 14, 13
P0 to P1, P10 to P11,
P20 to P21, P22 to
P25, P26 to P29
I/O
Video Pixel Input/Output Port.
2, 1, 100, 97, 96,
95, 88, 87, 84, 83
P31 to P40
I
Video Pixel Input Port.


유사한 부품 번호 - ADV7403BSTZ-1102

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
More results

유사한 설명 - ADV7403BSTZ-1102

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com