전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7403KSTZ-140 데이터시트(PDF) 7 Page - Analog Devices

부품명 ADV7403KSTZ-140
상세설명  12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7403KSTZ-140 데이터시트(HTML) 7 Page - Analog Devices

Back Button ADV7403KSTZ-140 Datasheet HTML 3Page - Analog Devices ADV7403KSTZ-140 Datasheet HTML 4Page - Analog Devices ADV7403KSTZ-140 Datasheet HTML 5Page - Analog Devices ADV7403KSTZ-140 Datasheet HTML 6Page - Analog Devices ADV7403KSTZ-140 Datasheet HTML 7Page - Analog Devices ADV7403KSTZ-140 Datasheet HTML 8Page - Analog Devices ADV7403KSTZ-140 Datasheet HTML 9Page - Analog Devices ADV7403KSTZ-140 Datasheet HTML 10Page - Analog Devices ADV7403KSTZ-140 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADV7403
Rev. SpA | Page 7 of 24
TIMING CHARACTERISTICS
@ AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.71 V to 1.89 V. Operating temperature range,
unless otherwise noted.
Table 3.
Parameter1, ,
2 3
Symbol
Test Conditions
Min
Typ
Max
Unit
SYSTEM CLOCK AND CRYSTAL
Crystal Nominal Frequency
28.63636
MHz
Crystal Frequency Stability
±50
ppm
Horizontal Sync Input Frequency
14.8
110
kHz
LLC1 Frequency Range4
12.825
140
MHz
I2C PORT5
SCLK Frequency
400
kHz
SCLK Min Pulse Width High
t1
0.6
μs
SCLK Min Pulse Width Low
t2
1.3
μs
Hold Time (Start Condition)
t3
0.6
μs
Setup Time (Start Condition)
t4
0.6
μs
SDA Setup Time
t5
100
ns
SCLK and SDA Rise Time
t6
300
ns
SCLK and SDA Fall Time
t7
300
ns
Setup Time for Stop Condition
t8
0.6
μs
RESET FEATURE
Reset Pulse Width
5
ms
CLOCK OUTPUTS
LLC1 Mark Space Ratio
t9:t10
45:55
55:45
% duty
cycle
DATA and CONTROL OUTPUTS
Data Output Transition Time SDR (SDP)6
t11
Negative clock edge to start of
valid data
3.6
ns
Data Output Transition Time SDR (SDP)6
t12
End of valid data to negative
clock edge
2.4
ns
Data Output Transition Time SDR (CP)7
t13
End of valid data to negative
clock edge
2.8
ns
Data Output Transition Time SDR (CP)7
t14
Negative clock edge to start of
valid data
0.1
ns
Data Output Transition Time DDR (CP)7, 8
t15
Positive clock edge to end of
valid data
−4 + TLLC1/4
ns
Data Output Transition Time DDR (CP)7, 8
t16
Positive clock edge to start of
valid data
0.25 + TLLC1/4
ns
Data Output Transition Time DDR (CP)7, 8
t17
Negative clock edge to end of
valid data
−2.95 + TLLC1/4
ns
Data Output Transition Time DDR (CP)7, 8
t18
Negative clock edge to start of
valid data
−0.5 + TLLC1/4
ns
DATA and CONTROL INPUTS5
Input Setup Time (Digital Input Port)
t19
HS_IN, VS_IN
9
ns
DE_IN, data inputs
2.2
ns
Input Hold Time (Digital Input Port)
t20
HS_IN, VS_IN
7
ns
DE_IN, data inputs
2
ns
1 The min/max specifications are guaranteed over this range.
2 Temperature range TMIN to TMAX: −40°C to +85°C (0°C to 70°C temperature range for ADV7403KSTZ-140).
3 Guaranteed by characterization.
4 Maximum LLC1 frequency is 110 MHz for ADV7403BSTZ-110.
5 TTL input values are 0 V to 3 V, with rise/fall times ≥3 ns, measured between the 10% and 90% points.
6 SDP timing figures obtained using default drive strength value (0xD5) in register subaddress 0xF4.
7 CP timing figures obtained using max drive strength value (0xFF) in Register Subaddress 0xF4.
8 DDR timing specifications dependent on LLC1 output pixel clock; TLCC1/4 = 9.25 ns at LLC1 = 27 MHz.


유사한 부품 번호 - ADV7403KSTZ-140

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
More results

유사한 설명 - ADV7403KSTZ-140

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com