전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74GTL2010PWR 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74GTL2010PWR
상세설명  10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL2010PWR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74GTL2010PWR Datasheet HTML 4Page - Texas Instruments SN74GTL2010PWR Datasheet HTML 5Page - Texas Instruments SN74GTL2010PWR Datasheet HTML 6Page - Texas Instruments SN74GTL2010PWR Datasheet HTML 7Page - Texas Instruments SN74GTL2010PWR Datasheet HTML 8Page - Texas Instruments SN74GTL2010PWR Datasheet HTML 9Page - Texas Instruments SN74GTL2010PWR Datasheet HTML 10Page - Texas Instruments SN74GTL2010PWR Datasheet HTML 11Page - Texas Instruments SN74GTL2010PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.ti.com
APPLICATION INFORMATION
Bidirectional Translation
GTL2010
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SCDS221 – SEPTEMBER 2006
For the bidirectional clamping configuration (higher voltage to lower voltage or lower voltage to higher voltage),
the GREF input must be connected to DREF and both pins pulled to HIGH-side VCC through a pullup resistor
(typically 200 k
Ω). A filter capacitor on D
REF is recommended. The processor output can be totem pole or open
drain (pullup resistors) and the chipset output can be totem pole or open drain (pullup resistors are required to
pull the Dn outputs to VCC). However, if either output is totem pole, data must be unidirectional or the outputs
must be 3-statable, and the outputs must be controlled by some direction-control mechanism to prevent
HIGH-to-LOW contentions in either direction. If both outputs are open drain, no direction control is needed. The
opposite side of the reference transistor (SREF) is connected to the processor core power-supply voltage. When
DREF is connected through a 200-kΩ resistor to a 3.3-V to 5.5-V VCC supply and SREF is set between 1 V to VCC
1.5 V, the output of each Sn has a maximum output voltage equal to SREF, and the output of each Dn has a
maximum output voltage equal to VCC.
8
Submit Documentation Feedback


유사한 부품 번호 - SN74GTL2010PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74GTL2010PWR TI-SN74GTL2010PWR Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PWR TI1-SN74GTL2010PWR Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PWRE4 TI-SN74GTL2010PWRE4 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PWRE4 TI1-SN74GTL2010PWRE4 Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PWRG4 TI1-SN74GTL2010PWRG4 Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
More results

유사한 설명 - SN74GTL2010PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
GTL2010 TI-GTL2010 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010 TI1-SN74GTL2010 Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2010 NXP-GTL2010 Datasheet
125Kb / 20P
   10-bit bidirectional low voltage translator
Rev. 06-3 March 2008
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2003 NXP-GTL2003 Datasheet
121Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
GTL2002 NXP-GTL2002 Datasheet
138Kb / 22P
   2-bit bidirectional low voltage translator
GTL2003 PHILIPS-GTL2003 Datasheet
113Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
logo
Pericom Semiconductor C...
PI4GTL2002 PERICOM-PI4GTL2002 Datasheet
537Kb / 12P
   2-bit bidirectional low voltage translator
logo
Texas Instruments
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com