전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD844 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD844
상세설명  60 MHz, 2000 V/us Monolithic Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD844 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD844_07 Datasheet HTML 2Page - Analog Devices AD844_07 Datasheet HTML 3Page - Analog Devices AD844_07 Datasheet HTML 4Page - Analog Devices AD844_07 Datasheet HTML 5Page - Analog Devices AD844_07 Datasheet HTML 6Page - Analog Devices AD844_07 Datasheet HTML 7Page - Analog Devices AD844_07 Datasheet HTML 8Page - Analog Devices AD844_07 Datasheet HTML 9Page - Analog Devices AD844_07 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. D
AD844
–6–
Inverting Gain-of-10 Pulse Response
TPC 18. Large Signal Pulse
Response, Gain = –10, RL = 500
TPC 19. Small Signal Pulse
Response, Gain = –10, RL = 500
FREQUENCY – Hz
100k
1M
100M
10M
26
–4
20
14
8
2
RL = 500
RL = 50
TPC 21. Gain vs. Frequency,
Gain = +10
FREQUENCY – MHz
–180
050
25
–210
–240
–270
–300
–330
RL = 500
RL = 50k
TPC 22. Phase vs. Frequency,
Gain = +10
Noninverting Gain-of-10 AC Characteristics
+VS
450
0.22 F
50
VOUT
CL
RL
4.7
VIN
–VS
0.22 F
4.7
+
AD844
TPC 20. Noninverting Gain of
+10 Amplifier
TPC 24. Small Signal Pulse
Response, Gain = +10, RL = 500
TPC 23. Noninverting Amplifier Large
Signal Pulse Response, Gain = +10,
RL = 500


유사한 부품 번호 - AD844_07

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD844ACHIPS AD-AD844ACHIPS Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844ACHIPS AD-AD844ACHIPS Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844AN AD-AD844AN Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844AN AD-AD844AN Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
More results

유사한 설명 - AD844_07

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD844 AD-AD844 Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844 AD-AD844_15 Datasheet
422Kb / 20P
   60 MHz 2000 V/s Monolithic Op Amp
Rev. F
logo
Texas Instruments
TLV9051 TI1-TLV9051_19 Datasheet
2Mb / 50P
[Old version datasheet]   5-MHz, 15-V/us high slew-rate, RRIO op amp
logo
Linear Technology
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
   25MHz, 600V/us Op Amp
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
   450 V/us, Precision, Current-Feedback Op Amp
REV. C
logo
Linear Technology
LT1354 LINER-LT1354 Datasheet
296Kb / 12P
   12MHz, 400V/us Op Amp
LT1363 LINER-LT1363 Datasheet
251Kb / 12P
   70MHz, 1000V/us Op Amp
LT1360 LINER-LT1360 Datasheet
263Kb / 16P
   50MHz, 800V/us Op Amp
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com