전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB1660DC 데이터시트(PDF) 2 Page - Pan Jit International Inc.

부품명 SB1660DC
상세설명  D2PAK SURFACE SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB1660DC 데이터시트(HTML) 2 Page - Pan Jit International Inc.

  SB1660DC Datasheet HTML 1Page - Pan Jit International Inc. SB1660DC Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-FEB.18.2005
R
ATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHRACTERISTICS
Fig.4- MAXIMUM NON - REPETITIVE SURGE
CURRENT
Fig.3- TYPICAL REVERSE CHARACTERISTIC
CASE TEMPERATURE, C
O
0
50
100
150
20.0
16.0
12.0
8.0
4.0
0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
.3
.4
.5
.6
.7
.8
0.9
1.0
40
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
T= 25 C
Pulse Width = 300 s
1% Duty Cycle
J
O
m
80,100V
20,30,40V
50,60V
NO. OF CYCLE AT 60HZ
240
210
180
150
120
90
60
30
0
12
5
10
20
50
100
8.3ms Single
Half Since-Wave
JEDEC Method
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
10
1.0
0.1
0.01
0.001
20
4 0
60
80
100
120
140
T=25 C
J
O
T=75 C
J
O
T =100 C
J
O


유사한 부품 번호 - SB1660DC

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SB1660DC PANJIT-SB1660DC Datasheet
56Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 16.0 Amperes)
logo
Transys Electronics
SB1660DC TRSYS-SB1660DC Datasheet
148Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1660DC PANJIT-SB1660DC Datasheet
52Kb / 2P
   SURFACE SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
SB1660DC ZSELEC-SB1660DC Datasheet
147Kb / 2P
   16.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB1660DC-T3 WTE-SB1660DC-T3 Datasheet
44Kb / 3P
   16A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SB1660DC

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
MBR1640DC PANJIT-MBR1640DC_16 Datasheet
295Kb / 5P
   D2PAK SURFACE SCHOTTKY BARRIER RECTIFIERS
MBR1640DC PANJIT-MBR1640DC Datasheet
108Kb / 3P
   D2PAK SURFACE SCHOTTKY BARRIER RECTIFIERS
MBR1040DC PANJIT-MBR1040DC Datasheet
125Kb / 3P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SB820DC PANJIT-SB820DC_05 Datasheet
1Mb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SB1020DC PANJIT-SB1020DC_05 Datasheet
426Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
MBR1040DC PANJIT-MBR1040DC_16 Datasheet
324Kb / 5P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Transys Electronics
SB1620DC TRSYS-SB1620DC Datasheet
148Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820D TRSYS-SB820D Datasheet
146Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB820D WTE-SB820D Datasheet
44Kb / 3P
   8.0A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB1020DC WTE-SB1020DC Datasheet
46Kb / 3P
   10A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com