전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN3100TSX 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FAN3100TSX
상세설명  Single 2A High-Speed, Low-Side Gate Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3100TSX 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FAN3100TSX Datasheet HTML 1Page - Fairchild Semiconductor FAN3100TSX Datasheet HTML 2Page - Fairchild Semiconductor FAN3100TSX Datasheet HTML 3Page - Fairchild Semiconductor FAN3100TSX Datasheet HTML 4Page - Fairchild Semiconductor FAN3100TSX Datasheet HTML 5Page - Fairchild Semiconductor FAN3100TSX Datasheet HTML 6Page - Fairchild Semiconductor FAN3100TSX Datasheet HTML 7Page - Fairchild Semiconductor FAN3100TSX Datasheet HTML 8Page - Fairchild Semiconductor FAN3100TSX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3100 • Rev. 1.0.1
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
VDD to PGND
-0.3
20.0
V
VIN
Voltage on IN+ and IN- to GND, AGND, or PGND
GND - 0.3 VDD + 0.3
V
VOUT
Voltage on OUT to GND, AGND, or PGND
GND - 0.3 VDD + 0.3
V
TL
Lead Soldering Temperature (10 seconds)
+260
ºC
TJ
Junction Temperature
+150
ºC
TSTG
Storage Temperature
-65
+150
ºC
Human Body Model, JEDEC JESD22-A114
4
kV
ESD
Electrostatic Discharge
Protection Level
Charged Device Model, JEDEC JESD22-C101
750
V
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage Range
4.5
18.0
V
VIN
Input Voltage IN+, IN-
0
VDD
V
TA
Operating Ambient Temperature
-40
+125
ºC


유사한 부품 번호 - FAN3100TSX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3100TSX FAIRCHILD-FAN3100TSX Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100TSX FAIRCHILD-FAN3100TSX Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100TSX FAIRCHILD-FAN3100TSX Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3100TSX ONSEMI-FAN3100TSX Datasheet
1Mb / 21P
   Single 2 A High-Speed, Low-Side Gate Driver
December-2017, Rev . 2
More results

유사한 설명 - FAN3100TSX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_11 Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3181 ONSEMI-FAN3181 Datasheet
984Kb / 21P
   Single 2A High-Speed, Low-Side IGBT Driver
December 2016- Rev. 1.0
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com