전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE32684A-T1 데이터시트(PDF) 1 Page - NEC

부품명 NE32684A-T1
상세설명  ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

NE32684A-T1 데이터시트(HTML) 1 Page - NEC

  NE32684A-T1 Datasheet HTML 1Page - NEC NE32684A-T1 Datasheet HTML 2Page - NEC NE32684A-T1 Datasheet HTML 3Page - NEC NE32684A-T1 Datasheet HTML 4Page - NEC NE32684A-T1 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
• VERY LOW NOISE FIGURE:
0.5 dB typical at 12 GHz
• HIGH ASSOCIATED GAIN:
11.5 dB Typical at 12 GHz
•LG = 0.20
µµµµµm, WG = 200 µµµµµm
• LOW COST METAL CERAMIC PACKAGE
• TAPE & REEL PACKAGING OPTION AVAILABLE
ULTRA LOW NOISE
PSEUDOMORPHIC HJ FET
NE32684A
DESCRIPTION
The NE32684A is a pseudomorphic Hetero-Junction FET that
uses the junction between Si-doped AlGaAs and undoped
InGaAs to create very high mobility electrons. The device
features mushroom shaped TiAl gates for decreased gate
resistance and improved power handling capabilities. The
mushroom gate also results in lower noise figure and high
associated gain. This device is housed in an epoxy-sealed,
metal/ceramic package and is intended for high volume con-
sumer and industrial applications.
NEC's stringent quality assurance and test procedures assure
the highest reliability and performance.
GA
NF
1.2
1
0.8
0.6
0.4
0.2
0
1
10
30
24
21
18
15
12
9
6
Frequency, f (GHz)
NOISE FIGURE & ASSOCIATED
GAIN vs. FREQUENCY
VDS = 2 V, IDS = 10 mA
PART NUMBER
NE32684A
PACKAGE OUTLINE
84AS
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
NF1
Optimum Noise Figure, VDS = 2 V, IDS = 10 mA, f = 12 GHz
dB
0.5
0.6
GA1
Associated Gain, VDS = 2 V, IDS = 10 mA, f = 12 GHz
dB
10.0
11.5
P1dB
Output Power at 1 dB Gain Compression Point, f = 12 GHz
VDS = 2 V, IDS = 10 mA
dBm
8.5
VDS = 2 V, IDS = 20 mA
dBm
10.75
G1dB
Gain at P1dB, f = 12 GHz, VDS = 2 V, IDS = 10 mA
dB
11.0
VDS = 2 V, IDS = 20 mA
dB
11.5
IDSS
Saturated Drain Current, VDS = 2 V,VGS = 0 V
mA
15
40
70
VP
Pinch-off Voltage, VDS = 2 V, IDS = 100
µA
V
-2.0
-0.8
-0.2
gm
Transconductance, VDS = 2 V, ID = 10 mA
mS
45
60
IGSO
Gate to Source Leakage Current, VGS = -3 V
µA
0.5
10.0
RTH (CH-A)
Thermal Resistance (Channel to Ambient)
°C/W
750
RTH (CH-C)
Thermal Resistance (Channel to Case)
°C/W
350
Note:
1. Typical values of noise figures and associated gain are those obtained when 50% of the devices from a large number of lots were individually
measured in a circuit with the input individually tuned to obtain the minimum value. Maximum values are criteria established on the production line
as a "go-no-go" screening tuned for the "generic" type but not for each specimen.
ELECTRICAL CHARACTERISTICS (TA = 25°C)
NOT RECOMMENDED FOR NEW DESIGN
California Eastern Laboratories


유사한 부품 번호 - NE32684A-T1

제조업체부품명데이터시트상세설명
logo
NEC
NE32000 NEC-NE32000 Datasheet
247Kb / 7P
   LOW COSET LOW NOISE K-BAND HETERO JUNCTION FET
NE32083A NEC-NE32083A Datasheet
247Kb / 7P
   LOW COSET LOW NOISE K-BAND HETERO JUNCTION FET
NE32084 NEC-NE32084 Datasheet
247Kb / 7P
   LOW COSET LOW NOISE K-BAND HETERO JUNCTION FET
NE321000 NEC-NE321000 Datasheet
48Kb / 12P
   C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
135Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
More results

유사한 설명 - NE32684A-T1

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
NE24283B CEL-NE24283B Datasheet
49Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE321000 CEL-NE321000_01 Datasheet
135Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32400 NEC-NE32400_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE24200 CEL-NE24200 Datasheet
47Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32484A NEC-NE32484A_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32984D NEC-NE32984D Datasheet
51Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C NEC-NE32584C_98 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE32584 CEL-NE32584 Datasheet
58Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE24200 NEC-NE24200_00 Datasheet
46Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com