전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P312XDP512J1VAL 데이터시트(PDF) 72 Page - Freescale Semiconductor, Inc

부품명 P312XDP512J1VAL
상세설명  Covers, S12XD, S12XB & S12XA Families
Download  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P312XDP512J1VAL 데이터시트(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button P312XDP512J1VAL Datasheet HTML 68Page - Freescale Semiconductor, Inc P312XDP512J1VAL Datasheet HTML 69Page - Freescale Semiconductor, Inc P312XDP512J1VAL Datasheet HTML 70Page - Freescale Semiconductor, Inc P312XDP512J1VAL Datasheet HTML 71Page - Freescale Semiconductor, Inc P312XDP512J1VAL Datasheet HTML 72Page - Freescale Semiconductor, Inc P312XDP512J1VAL Datasheet HTML 73Page - Freescale Semiconductor, Inc P312XDP512J1VAL Datasheet HTML 74Page - Freescale Semiconductor, Inc P312XDP512J1VAL Datasheet HTML 75Page - Freescale Semiconductor, Inc P312XDP512J1VAL Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
72
Freescale Semiconductor
1.5.2.1
System Stop Modes
The system stop modes are entered if the CPU executes the STOP instruction and the XGATE doesn’t
execute a thread and the XGFACT bit in the XGMCTL register is cleared. Depending on the state of the
PSTP bit in the CLKSEL register the MCU goes into pseudo stop mode or full stop mode. Please refer to
CRG section. Asserting RESET, XIRQ, IRQ or any other interrupt ends the system stop modes.
1.5.2.2
Pseudo Stop Mode
In this mode the clocks are stopped but the oscillator is still running and the real time interrupt (RTI) or
watchdog (COP) submodule can stay active. Other peripherals are turned off. This mode consumes more
current than the system stop mode, but the wake up time from this mode is significantly shorter.
1.5.2.3
Full Stop Mode
The oscillator is stopped in this mode. All clocks are switched off. All counters and dividers remain frozen.
1.5.2.4
System Wait Mode
This mode is entered when the CPU executes the WAI instruction. In this mode the CPU will not execute
instructions. The internal CPU clock is switched off. All peripherals and the XGATE can be active in
system wait mode. For further power consumption the peripherals can individually turn off their local
clocks. Asserting RESET, XIRQ, IRQ or any other interrupt that has not been masked ends system wait
mode.
1.5.3
Freeze Mode
The enhanced capture timer, pulse width modulator, analog-to-digital converters, the periodic interrupt
timer and the XGATE module provide a software programmable option to freeze the module status during
the background debug module is active. This is useful when debugging application software. For detailed
description of the behavior of the ATD0, ATD1, ECT, PWM, XGATE and PIT when the background debug
module is active consult the corresponding sections..
1.6
Resets and Interrupts
Consult the S12XCPU Block Guide for information on exception processing.
1.6.1
Vectors
Table 1-12 lists all interrupt sources and vectors in the default order of priority. The interrupt module
(S12XINT) provides an interrupt vector base register (IVBR) to relocate the vectors. Associated with each
I-bit maskable service request is a configuration register. It selects if the service request is enabled, the
service request priority level and whether the service request is handled either by the S12X CPU or by the
XGATE module.


유사한 부품 번호 - P312XDP512J1VAL

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
P312XDP512J1VALR FREESCALE-P312XDP512J1VALR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
More results

유사한 설명 - P312XDP512J1VAL

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC9S12XDG128CAL FREESCALE-MC9S12XDG128CAL Datasheet
7Mb / 1348P
   Covers S12XD, S12XB & S12XA Families
631441 FREESCALE-631441 Datasheet
7Mb / 1348P
   Covers S12XD, S12XB and S12XA Families
MC9S12XDP512 FREESCALE-MC9S12XDP512 Datasheet
4Mb / 1348P
   Covers S12XD, S12XB & S12XA Families
MC9S12XDT512CAA FREESCALE-MC9S12XDT512CAA Datasheet
7Mb / 1348P
   S12XD, S12XB & S12XA Families
MC9S12XDP512CAG FREESCALE-MC9S12XDP512CAG Datasheet
7Mb / 1348P
   S12XD, S12XB & S12XA Families
MC9S12XDT256MAA FREESCALE-MC9S12XDT256MAA Datasheet
7Mb / 1348P
   MC9S12XDP512 Data Sheet Covers S12XD, S12XB & S12XA Families
MC9S12XDT256MAL FREESCALE-MC9S12XDT256MAL Datasheet
7Mb / 1348P
   This documentation covers all devices in the S12XD, S12XB and S12XA families.
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com