전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QXL2E154KTP 데이터시트(PDF) 1 Page - Nichicon corporation

부품명 QXL2E154KTP
상세설명  PLASTIC FILM CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NICHICON [Nichicon corporation]
홈페이지  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

QXL2E154KTP 데이터시트(HTML) 1 Page - Nichicon corporation

  QXL2E154KTP Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
PLASTIC FILM CAPACITORS
Q
1
X
2
L
3
2
4
E
5
1
6
0
7
4
8
K
9
T
10
P
11
T
12
Configuration
(TP:Polyester film, Tinned CP wire)
AC usage applicable
Straight lead type:
T
AC usage applicable
Cut/formed lead type:
Capacitance tolerance (
±10% : K)
Rated Capacitance (0.1
µF)
Rated voltage (250V)
Series name
Type
F size
7.5
10.0
15.0
Code
7FG
7FJ
7FM
22.5
7FT
Straight lead type.
Cut / formed lead type.
W MAX
TMAX
F
±1.5
1.5MAX
φd ± 0.05
φd ± 0.05
TMAX
4.5
± 0.5
5MAX
H MAX
HMAX
W MAX
25MIN
P
±1.5
XL
series for 105˚C (Electrical Appliance and Material Safety
Law (Japan) approved for AC power source)
Metallized Polyester Film Capacitor
Highly reliable and superior in high frequency applications, self-healing and non-inductive
construction, using a dielectric of metallized polyester film.
Finished by inner dipping, with liquid epoxy resin and outer coating with flame-retardant
epoxy resin, those double coatings provide excellent humidity resistance.
Designed in a small and compact size, but yet with higher capacitance, for high density mounting.
Adapted to the RoHS directive (2002/95/EC).
Specifications
Type numbering system (Example : 250VAC 0.1µF)
Performance Characteristics
Category Temperature Range
Rated Voltage
Rated Capacitance Range
Capacitance Tolerance
Dielectric Loss Tangent
Insulation Resistance
Withstand Voltage
Encapsulation
– 40 ~ +105˚C
125, 250VAC
Safety performance A1 0.01 ~ 0.47µF
Safety performance C1 0.01 ~ 1.0µF
±10% (K)
1.0% or less (at 1kHz 20˚C)
C <
= 0.47µF 2000 MΩ or more
C > 0.47µF 1000
ΩF or more
Flame-retardant epoxy resin
Between Terminals :
Rated Voltage
× 2.3VAC 1min. (Safety performance : A1)
Rated Voltage
× 1.75VAC 1 min. (Safety performance : C1)
Between Terminals Coverage :
(Rated Voltage 125VAC) 1000VAC 1 min.
(Rated Voltage 250VAC) 1500VAC 1 min.
Drawing
Safety performance
Dimensions
Symbol
A1
C1
Connecting
Condition
Capacitance
0.01 ~ 0.47µF
0.1 ~ 1.0µF
Connected with load in parallel
Connected with load in series
Z
Z
Note : When using capacitors as an across-the-line capacitor, at least either one of the conditions
shown below has to be fulfilled:
1) A varistor of 2 times or below of rated voltage shall be connected with a capacitor in parallel.
2) Pulse of higher than rated voltage
× 2 shall not be applied to both terminals of capacitor.
F : lead pitch for cut / formed lead wires.
Unit : mm
Item
125VAC (2B)
250VAC (2E)
TW
H
d
P
F
TW
H
d
P
F
0.01
103
4.4
13.5
9.5
0.6
10.0
10.0
0.015
153
4.7
13.5
9.8
0.6
10.0
10.0
0.022
223
4.3
11.0
7.9
0.6
7.5
7.5
5.1
13.5
10.8
0.6
10.0
10.0
0.033
333
4.6
11.0
8.2
0.6
7.5
7.5
5.9
13.5
11.6
0.6
10.0
10.0
0.047
473
5.1
11.0
8.8
0.6
7.5
7.5
6.4
13.5
13.7
0.6
10.0
10.0
0.068
683
5.8
11.0
9.5
0.6
7.5
7.5
5.8
18.5
11.5
0.6
15.0
15.0
0.1
104
6.8
11.0
10.4
0.6
7.5
7.5
6.4
18.5
13.7
0.6
15.0
15.0
0.15
154
6.5
13.5
11.1
0.6
10.0
10.0
7.1
18.5
15.9
0.6
15.0
15.0
0.22
224
7.6
13.5
12.2
0.6
10.0
10.0
9.6
18.5
15.3
0.6
15.0
15.0
0.33
334
6.7
18.5
11.9
0.6
15.0
15.0
7.9
25.5
16.7
0.8
22.5
22.5
0.47
474
7.7
18.5
12.9
0.6
15.0
15.0
9.4
25.5
18.2
0.8
22.5
22.5
0.68
684
9.1
18.5
14.3
0.6
15.0
15.0
1.0
105
8.0
25.5
15.3
0.8
22.5
22.5
Code
Cap.(µF)
Size
V(Code)
We can also custom-make. 125VAC (2B)
~ 3.3µF
Please contact us and let us know the specification you need.


유사한 설명 - QXL2E154KTP

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com