전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3511BS 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 KA3511BS
상세설명  Intelligent Voltage Mode PWM IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3511BS 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button KA3511BS Datasheet HTML 7Page - Fairchild Semiconductor KA3511BS Datasheet HTML 8Page - Fairchild Semiconductor KA3511BS Datasheet HTML 9Page - Fairchild Semiconductor KA3511BS Datasheet HTML 10Page - Fairchild Semiconductor KA3511BS Datasheet HTML 11Page - Fairchild Semiconductor KA3511BS Datasheet HTML 12Page - Fairchild Semiconductor KA3511BS Datasheet HTML 13Page - Fairchild Semiconductor KA3511BS Datasheet HTML 14Page - Fairchild Semiconductor KA3511BS Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
KA3511BS
11
5
4
3
2
1
0
0
1
23
45
5
4
3
2
1
0
1.0
1.1
1.2
1.3
1.4
1.5
-0.000005
-0.000010
-0.000015
-0.000020
0
20
40
60
80
100
120
140
160
5
4
3
2
1
0
4.0
4.2
4.4
4.6
4.8
5.0
Pin 14 (5V) Voltage [V]
-0.032
-0.033
-0.034
-0.035
0
100
200
300
400
5
4
3
2
1
0
0.0
0.5
1.0
1.5
2.0
2.5
Pin 9 (DET) Voltage [V]
Pin 10 (TPG) Voltage [V]
Figure 13. Remote ON Open Voltage
Figure 14. Detecting VCC Voltage (DET)
Figure 15. Detecting V5 Voltage
Figure 16. Charging Current for PG
Figure 15. Short Circuit Current
Figure 16. Hysteresis Voltage 2


유사한 부품 번호 - KA3511BS

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA3511 FAIRCHILD-KA3511 Datasheet
233Kb / 28P
   PC POWER SUPPLY DESIGN WITH KA3511
KA3511DS FAIRCHILD-KA3511DS Datasheet
170Kb / 18P
   Intelligent Voltage Mode PWM IC
More results

유사한 설명 - KA3511BS

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN7585 FAIRCHILD-FAN7585 Datasheet
437Kb / 16P
   Intelligent Voltage Mode PWM IC
KA3511DS FAIRCHILD-KA3511DS Datasheet
170Kb / 18P
   Intelligent Voltage Mode PWM IC
logo
First Silicon Co., Ltd
FA494AP FS-FA494AP Datasheet
154Kb / 6P
   Voltage-Mode PWM Controller IC
logo
KEC(Korea Electronics)
KIA494AP KEC-KIA494AP Datasheet
159Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE-MODE PWM CONTROLLER IC)
logo
Micrel Semiconductor
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
logo
Texas Instruments
UC3886N TI1-UC3886N Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC1886 TI-UC1886 Datasheet
292Kb / 8P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886 TI1-UC2886_14 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
logo
Semtech Corporation
SC1101 SEMTECH-SC1101 Datasheet
96Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com