전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CBTLV3383PWR 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74CBTLV3383PWR
상세설명  LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV3383PWR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74CBTLV3383PWR Datasheet HTML 2Page - Texas Instruments SN74CBTLV3383PWR Datasheet HTML 3Page - Texas Instruments SN74CBTLV3383PWR Datasheet HTML 4Page - Texas Instruments SN74CBTLV3383PWR Datasheet HTML 5Page - Texas Instruments SN74CBTLV3383PWR Datasheet HTML 6Page - Texas Instruments SN74CBTLV3383PWR Datasheet HTML 7Page - Texas Instruments SN74CBTLV3383PWR Datasheet HTML 8Page - Texas Instruments SN74CBTLV3383PWR Datasheet HTML 9Page - Texas Instruments SN74CBTLV3383PWR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MECHANICAL DATA
MSOI004E JANUARY 1995 − REVISED MAY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DBQ (R−PDSO−G**)
PLASTIC SMALL−OUTLINE PACKAGE
4073301/F 02/2002
0.069 (1,75) MAX
Seating Plane
0.004 (0,10)
0.010 (0,25)
0.010 (0,25)
0.016 (0,40)
0.035 (0,89)
0.244 (6,20)
0.228 (5,80)
112
24
13
0.150 (3,81)
0.157 (3,99)
0.008 (0,20) NOM
0
°−8°
Gauge Plane
0.012 (0,30)
0.008 (0,20)
0.197
(5,00)
(4,80)
0.189
A MAX
A MIN
PINS **
DIM
16
0.337
(8,56)
(8,74)
0.344
20
24
A
(8,74)
0.344
(8,56)
0.337
28
0.394
(10,01)
0.386
(9,80)
M0−137
VARIATION
AB
AD
AE
AF
D
0.025 (0,64)
0.005 (0,13)
0.004 (0,10)
NOTES: A.
All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO−137.


유사한 부품 번호 - SN74CBTLV3383PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTLV3383PWR TI1-SN74CBTLV3383PWR Datasheet
872Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
More results

유사한 설명 - SN74CBTLV3383PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
logo
Integrated Device Techn...
IDT74CBTLV3383 IDT-IDT74CBTLV3383 Datasheet
72Kb / 5P
   LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
logo
Texas Instruments
SN74CBTLV16212 TI-SN74CBTLV16212_06 Datasheet
186Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16212DGGR TI1-SN74CBTLV16212DGGR Datasheet
350Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16212 TI-SN74CBTLV16212 Datasheet
105Kb / 8P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT3383 TI1-SN74CBT3383_16 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit Bus-Exchange Switch
logo
National Semiconductor ...
74LVX3L383 NSC-74LVX3L383 Datasheet
113Kb / 6P
   10-Bit Low Power Bus-Exchange Switch
logo
Texas Instruments
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
logo
Fairchild Semiconductor
FST3383 FAIRCHILD-FST3383 Datasheet
50Kb / 5P
   10-Bit Low Power Bus-Exchange Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com