전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL-SCSI285 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TL-SCSI285
상세설명  FIXED-VOLTAGE REGULATORS FOR SCSI ACTIVE TERMINATION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL-SCSI285 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TL-SCSI285 Datasheet HTML 4Page - Texas Instruments TL-SCSI285 Datasheet HTML 5Page - Texas Instruments TL-SCSI285 Datasheet HTML 6Page - Texas Instruments TL-SCSI285 Datasheet HTML 7Page - Texas Instruments TL-SCSI285 Datasheet HTML 8Page - Texas Instruments TL-SCSI285 Datasheet HTML 9Page - Texas Instruments TL-SCSI285 Datasheet HTML 10Page - Texas Instruments TL-SCSI285 Datasheet HTML 11Page - Texas Instruments TL-SCSI285 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


유사한 부품 번호 - TL-SCSI285

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL-SCSI285 TI-TL-SCSI285 Datasheet
82Kb / 6P
[Old version datasheet]   FIXED-VOLTAGE REGULATORS FOR SCSI ACTIVE TERMINATION
TL-SCSI285KC TI-TL-SCSI285KC Datasheet
82Kb / 6P
[Old version datasheet]   FIXED-VOLTAGE REGULATORS FOR SCSI ACTIVE TERMINATION
TL-SCSI285PW TI-TL-SCSI285PW Datasheet
82Kb / 6P
[Old version datasheet]   FIXED-VOLTAGE REGULATORS FOR SCSI ACTIVE TERMINATION
TL-SCSI285PWR TI-TL-SCSI285PWR Datasheet
82Kb / 6P
[Old version datasheet]   FIXED-VOLTAGE REGULATORS FOR SCSI ACTIVE TERMINATION
TL-SCSI285Y TI-TL-SCSI285Y Datasheet
82Kb / 6P
[Old version datasheet]   FIXED-VOLTAGE REGULATORS FOR SCSI ACTIVE TERMINATION
More results

유사한 설명 - TL-SCSI285

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL-SCSI285 TI-TL-SCSI285 Datasheet
82Kb / 6P
[Old version datasheet]   FIXED-VOLTAGE REGULATORS FOR SCSI ACTIVE TERMINATION
TL2217-285 TI-TL2217-285 Datasheet
79Kb / 6P
[Old version datasheet]   FIXED-VOLTAGE REGULATORS FOR SCSI ACTIVE TERMINATION
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
   Active SCSI Terminator
logo
Texas Instruments
UC5602 TI-UC5602 Datasheet
361Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
   SCSI active terminator
logo
Texas Instruments
UC5601 TI-UC5601 Datasheet
314Kb / 6P
[Old version datasheet]   SCSI Active Terminator
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
   SCSI Active Terminator IC
logo
KOA Speer Electronics, ...
RDAQ20T KOA-RDAQ20T Datasheet
93Kb / 2P
   scsi&ecl termination networks
logo
Texas Instruments
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com