전자부품 데이터시트 검색엔진 |
|
TL751L12CD 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
TL751L12CD 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 26 page www.ti.com FEATURES TL750L . . . LP PACKAGE (TO-92, TO-226AA) (TOP VIEW) INPUT COMMON OUTPUT OUTPUT NC NC NC INPUT NC COMMON ENABLE TL751L . . .P PACKAGE (TOP VIEW) 8 7 6 5 1 2 3 4 OUTPUT COMMON COMMON NC INPUT COMMON COMMON ENABLE TL751L . . . D PACKAGE (TOP VIEW) 8 7 6 5 1 2 3 4 8 7 6 5 OUTPUT COMMON COMMON NC INPUT COMMON COMMON NC TL750L . . . D PACKAGE (TOP VIEW) 1 2 3 4 TL750L . . . KC PACKAGE (TOP VIEW) COMMON OUTPUT INPUT TL750L . . . KCS PACKAGE (TOP VIEW) COMMON OUTPUT INPUT TL750L . . . KTE PACKAGE (TOP VIEW) OUTPUT COMMON INPUT OUTPUT COMMON INPUT TL750L . . . KVU PACKAGE (TOP VIEW) TL750L . . . KTT PACKAGE (TOP VIEW) OUTPUT COMMON INPUT NC – No internal connection NC – No internal connection NC – No internal connection DESCRIPTION/ORDERING INFORMATION TL750L, TL751L SERIES LOW-DROPOUT VOLTAGE REGULATORS SLVS017T – SEPTEMBER 1987 – REVISED AUGUST 2007 • Very Low Dropout Voltage, Less Than 0.6 V at • Reverse Transient Protection Down to –50 V 150 mA • Internal Thermal-Overload Protection • Very Low Quiescent Current • Overvoltage Protection • TTL- and CMOS-Compatible Enable on TL751L • Internal Overcurrent-Limiting Circuitry Series • Less Than 500-μA Disable (TL751L Series) • 60-V Load-Dump Protection The TL750L and TL751L series of fixed-output voltage regulators offer 5-V, 8-V, 10-V, and 12-V options. The TL751L series also has an enable (ENABLE) input. When ENABLE is high, the regulator output is placed in the high-impedance state. This gives the designer complete control over power up, power down, or emergency shutdown. The TL750L and TL751L series are low-dropout positive-voltage regulators specifically designed for battery-powered systems. These devices incorporate overvoltage and current-limiting protection circuitry, along with internal reverse-battery protection circuitry to protect the devices and the regulated system. The series is fully protected against 60-V load-dump and reverse-battery conditions. Extremely low quiescent current during full-load conditions makes these devices ideal for standby power systems. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PowerFLEX is a trademark of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 1987–2007, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - TL751L12CD |
|
유사한 설명 - TL751L12CD |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |