전자부품 데이터시트 검색엔진 |
|
DL-5538-C310-FB 데이터시트(PDF) 1 Page - Optoway Technology Inc |
|
DL-5538-C310-FB 데이터시트(HTML) 1 Page - Optoway Technology Inc |
1 / 2 page Optoway DL-5500-CXX0 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2003 V1.1 1270 nm ~ 1610 nm DFB LD MODULES DL-5500-CXX0 SERIES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE ******************************************************************************************************************************************************* FEATURES ² 18-wavelength CWDM: from 1270 nm to 1610 nm, each Step 20 nm ² High reliability, long operation life ² 0 ºC ~+70 ºC operation ² Up to 1.25 Gbps Operation ² Single frequency operation with high SMSR ² Build-in InGaAs monitor APPLICATION OC-3, OC-12, and Gigabit Ethernet Optical communication system DESCRIPTION DL-5500-CXX0 series are MQW-DFB laser diodes that provide a durable, single frequency oscillation with emission wavelength from 1270 nm to 1610 nm CWDM, each step 20 nm. ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25 °C) Symbol Parameter Test Conditions Min. Typ. Max. Unit Ith Threshold Current CW 10 20 mA IOP Operating Current CW, Ith+20mA 35 50 mA VOP Operating Voltage CW, Ith+20mA 1.2 1.5 V Pf Optical Output Power Part No: DL-552X- CXX0 DL-553X- CXX0 CW, Ith+20mA 1.0 2.0 - - - - mW λc Center Wavelength CW, Ith+20mA λ-3 λ λ+2 nm SMSR Side Mode Suppression Ratio CW, Ith+20mA 30 35 dB t r, t f Rise And Fall Times IF=Ith, Ith+20mA,20~ 80% 200 ps ΔP f / P f Tracking Error APC, 0~+70 ºC - - ±1.5 dB Im PD Monitor Current CW, Ith+20mA,VRD=1V 50 μA ID PD Dark Current VRD=5V 10 nA Ct PD Capacitance VRD=5V, f=1MHz 10 15 pF Note: Central CWDM wavelength is from 1270 nm to 1610 nm, each step 20 nm. ABSOLUTE MAXIMUM RATINGS (TC=25 ºC) Symbol Parameter Ratings Unit Po Optical Output Power (552X/553X) 1.5 / 3 mW VRL LD Reverse Voltage 2 V VRD PD Reverse Voltage 10 V IFD PD Forward Current 1.0 mA Topr Operating Temperature 0~+70 ºC Tstg Storage Temperature -40~+85 ºC |
유사한 부품 번호 - DL-5538-C310-FB |
|
유사한 설명 - DL-5538-C310-FB |