전자부품 데이터시트 검색엔진 |
|
DL-5528-C390-S 데이터시트(PDF) 2 Page - Optoway Technology Inc |
|
DL-5528-C390-S 데이터시트(HTML) 2 Page - Optoway Technology Inc |
2 / 2 page Optoway DL-5500S-CXX0 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2003 V1.1 MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT ORDER INFORMATION Part No.: D L − 5 5 □ □ □ − C □ □ 0 − □ □ □ Code Power Code Wavelength Code Isolator 2 1mW 27 1270 nm Blank No 3 2mW 29 1290 nm S Single-Stage 31 1310 nm Code PIN Assignment 33 1330 nm 0 Type A 35 1350 nm Code Connector Type 5 Type B 37 1370 nm F FC/PC 8 Type C 39 1390 nm FB FC/PC (Board Mount) 41 1410 nm T ST/PC Code Speed 43 1430 nm S SC/PC Blank 1.25 Gbps 45 1450 nm SB SC/PC (Board Mount) S 2.5 Gbps 47 1470 nm 49 1490 nm 51 1510 nm 53 1530 nm 55 1550 nm 57 1570 nm 59 1590 nm 61 1610 nm |
유사한 부품 번호 - DL-5528-C390-S |
|
유사한 설명 - DL-5528-C390-S |