전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6655BCPZ-1501 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD6655BCPZ-1501
상세설명  IF Diversity Receiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD6655BCPZ-1501 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD6655BCPZ-1501 Datasheet HTML 5Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 6Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 7Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 8Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 9Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 10Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 11Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 12Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
AD6655
Rev. 0 | Page 9 of 84
DIGITAL SPECIFICATIONS—AD6655BCPZ-80/AD6655BCPZ-105
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = 1.0 dBFS differential input, 1.0 V internal reference,
DCS enabled, unless otherwise noted.
Table 5.
AD6655BCPZ-80
AD6655BCPZ-105
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
DIFFERENTIAL CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
CMOS/LVDS/LVPECL
Internal Common-Mode Bias
Full
1.2
1.2
V
Differential Input Voltage
Full
0.2
6
0.2
6
V p-p
Input Voltage Range
Full
AVDD − 0.3
AVDD + 1.6
AVDD − 0.3
AVDD + 1.6
V
Input Common-Mode Range
Full
1.1
AVDD
1.1
AVDD
V
High Level Input Voltage
Full
1.2
3.6
1.2
3.6
V
Low Level Input Voltage
Full
0
0.8
0
0.8
V
High Level Input Current
Full
−10
+10
−10
+10
μA
Low Level Input Current
Full
−10
+10
−10
+10
μA
Input Capacitance
Full
4
4
pF
Input Resistance
Full
8
10
12
8
10
12
SYNC INPUT
Logic Compliance
CMOS
CMOS
Internal Bias
Full
1.2
1.2
V
Input Voltage Range
Full
AVDD − 0.3
AVDD + 1.6
AVDD − 0.3
AVDD + 1.6
V
High Level Input Voltage
Full
1.2
3.6
1.2
3.6
V
Low Level Input Voltage
Full
0
0.8
0
0.8
V
High Level Input Current
Full
−10
+10
−10
+10
μA
Low Level Input Current
Full
−10
+10
−10
+10
μA
Input Capacitance
Full
4
4
pF
Input Resistance
Full
8
10
12
8
10
12
LOGIC INPUT (CSB)1
High Level Input Voltage
Full
1.22
3.6
1.22
3.6
V
Low Level Input Voltage
Full
0
0.6
0
0.6
V
High Level Input Current
Full
−10
+10
−10
+10
μA
Low Level Input Current
Full
40
132
40
132
μA
Input Resistance
Full
26
26
Input Capacitance
Full
2
2
pF
LOGIC INPUT (SCLK/DFS)2
High Level Input Voltage
Full
1.22
3.6
1.22
3.6
V
Low Level Input Voltage
Full
0
0.6
0
0.6
V
High Level Input Current
Full
−92
−135
−92
−135
μA
Low Level Input Current
Full
−10
+10
−10
+10
μA
Input Resistance
Full
26
26
Input Capacitance
Full
2
2
pF
LOGIC INPUTS (SDIO/DCS, SMI SDFS)1
High Level Input Voltage
Full
1.22
3.6
1.22
3.6
V
Low Level Input Voltage
Full
0
0.6
0
0.6
V
High Level Input Current
Full
−10
+10
−10
+10
μA
Low Level Input Current
Full
38
128
38
128
μA
Input Resistance
Full
26
26
Input Capacitance
Full
5
5
pF


유사한 부품 번호 - AD6655BCPZ-1501

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6655BCPZ-1501 AD-AD6655BCPZ-1501 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
More results

유사한 설명 - AD6655BCPZ-1501

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6653 AD-AD6653 Datasheet
2Mb / 80P
   IF Diversity Receiver
REV. 0
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
   IF Diversity Receiver
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
AD6679 AD-AD6679 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com