전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6655BCPZ-1051 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD6655BCPZ-1051
상세설명  IF Diversity Receiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD6655BCPZ-1051 데이터시트(HTML) 4 Page - Analog Devices

  AD6655BCPZ-1051 Datasheet HTML 1Page - Analog Devices AD6655BCPZ-1051 Datasheet HTML 2Page - Analog Devices AD6655BCPZ-1051 Datasheet HTML 3Page - Analog Devices AD6655BCPZ-1051 Datasheet HTML 4Page - Analog Devices AD6655BCPZ-1051 Datasheet HTML 5Page - Analog Devices AD6655BCPZ-1051 Datasheet HTML 6Page - Analog Devices AD6655BCPZ-1051 Datasheet HTML 7Page - Analog Devices AD6655BCPZ-1051 Datasheet HTML 8Page - Analog Devices AD6655BCPZ-1051 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
AD6655
Rev. 0 | Page 4 of 84
GENERAL DESCRIPTION
The AD6655 is a mixed-signal intermediate frequency (IF) receiver
consisting of dual 14-bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
ADCs and a wideband digital downconverter (DDC). The AD6655
is designed to support communications applications where low
cost, small size, and versatility are desired.
The dual ADC core features a multistage, differential pipelined
architecture with integrated output error correction logic. Each
ADC features wide bandwidth differential sample-and-hold
analog input amplifiers supporting a variety of user-selectable
input ranges. An integrated voltage reference eases design consid-
erations. A duty cycle stabilizer is provided to compensate for
variations in the ADC clock duty cycle, allowing the converters
to maintain excellent performance.
ADC data outputs are internally connected directly to the digital
downconverter (DDC) of the receiver, simplifying layout and
reducing interconnection parasitics. The digital receiver has two
channels and provides processing flexibility. Each receive channel
has four cascaded signal processing stages: a 32-bit frequency
translator (numerically controlled oscillator (NCO)), a half-
band decimating filter, a fixed FIR filter, and an fADC/8 fixed-
frequency NCO.
In addition to the receiver DDC, the AD6655 has several
functions that simplify the automatic gain control (AGC)
function in the system receiver. The fast detect feature allows
fast overrange detection by outputting four bits of input level
information with short latency.
In addition, the programmable threshold detector allows
monitoring of the incoming signal power using the four fast
detect bits of the ADC with low latency. If the input signal level
exceeds the programmable threshold, the coarse upper threshold
indicator goes high. Because this threshold indicator has low
latency, the user can quickly turn down the system gain to avoid
an overrange condition.
The second AGC-related function is the signal monitor. This
block allows the user to monitor the composite magnitude of the
incoming signal, which aids in setting the gain to optimize the
dynamic range of the overall system.
After digital processing, data can be routed directly to the two
external 14-bit output ports. These outputs can be set from 1.8 V
to 3.3 V CMOS or as 1.8 V LVDS. The CMOS data can also be
output in an interleaved configuration at a double data rate using
only Port A.
The AD6655 receiver digitizes a wide spectrum of IF frequencies.
Each receiver is designed for simultaneous reception of the main
channel and the diversity channel. This IF sampling architecture
greatly reduces component cost and complexity compared with
traditional analog techniques or less integrated digital methods.
Flexible power-down options allow significant power savings,
when desired.
Programming for setup and control is accomplished using a 3-bit
SPI-compatible serial interface.
The AD6655 is available in a 64-lead LFCSP and is specified over
the industrial temperature range of −40°C to +85°C.


유사한 부품 번호 - AD6655BCPZ-1051

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6655BCPZ-1051 AD-AD6655BCPZ-1051 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
More results

유사한 설명 - AD6655BCPZ-1051

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6653 AD-AD6653 Datasheet
2Mb / 80P
   IF Diversity Receiver
REV. 0
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
   IF Diversity Receiver
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
AD6679 AD-AD6679 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com