전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54200IRZ-T 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL54200IRZ-T
상세설명  USB 2.0 High/Full Speed Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54200IRZ-T 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL54200IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL54200IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL54200IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL54200IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL54200IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL54200IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL54200IRZ-T Datasheet HTML 11Page - Intersil Corporation ISL54200IRZ-T Datasheet HTML 12Page - Intersil Corporation ISL54200IRZ-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6408.1
July 11, 2007
The HSx switches can also pass USB full-speed signals
(12Mbps) with minimal distortion and meet all the USB
requirements for USB 2.0 full-speed signaling. See Figure 11.
The maximum signal range for the HSx switches is from
-1.5V to VDD. The signal voltage should not be allow to
exceed the VDD voltage rail or go below ground by more
than -1.5V.
The HSx switches are active (turned ON) whenever the IN
voltage is 1.4V and the EN logic voltage 1.4V when
operated with a 2.7V to 3.6V supply.
ISL54200 Operation
The discussion that follows will discuss using the ISL54200 in
the typical application shown in the“Application Block
Diagram” on page 8.
POWER
The power supply connected at the VDD (pin 1) provides the
DC bias voltage required by the ISL54200 part for proper
operation. The ISL54200 can be operated with a VDD
voltage in the range of 2.7V to 5.5V. When used in a USB
application, the VDD voltage should be kept in the range of
3.0V to 5.5V to ensure you get the proper signal levels for
good signal quality.
A 0.01µF or 0.1µF decoupling capacitor should be
connected from the VDD pin to ground to filter out any power
supply noise from entering the part. The capacitor should be
located as close to the VDD pin as possible.
LOGIC CONTROL
The state of the ISL54200 device is determined by the
voltage at the IN pin (pin 2) and the EN pin (pin 10). IN is
only active when the EN pin is logic “1” (High). Refer to the
“Truth Table” on page 2.
The EN pin is internally pulled low through a 4M
Ω resistor to
ground. For logic “0” (Low) it can be driven low or allowed to
Float. The IN pin must be driven low or high and cannot be
left floating.
Logic control voltage levels:
EN = Logic “0” (Low) when VEN 0.5V or Floating.
EN = Logic “1” (High) when VEN 1.4V
IN = Logic “0” (Low) when VIN 0.5V.
IN = Logic “1” (High) when VIN 1.4V
Full-speed Mode
If the IN pin = Logic “0” and the EN pin = Logic “1”, the part
will be in the full-speed mode. In this mode, the FSD1 and
FSD2 switches are ON and the HSD1 and HSD2 switches
are OFF (high impedance). In a typical application, VDD will
be in the range of 2.8V to 3.6V and will be connected to the
battery or LDO of the portable media device. When a
computer or USB hub is plugged into the common USB
connector and the part is in the full-speed mode, a link will
be established between the full-speed driver section of the
media player and the computer. The device will be able to
transmit and receive data from the computer at a data rate of
12Mbps.
High-speed Mode
If the IN pin = Logic “1” and the EN pin = Logic “1”, the part
will go into high-speed mode. In high-speed mode, the
HSD1 and HSD2 switches are ON and the FSD1 and FSD2
switches are OFF (high impedance). When a USB cable
from a computer or USB hub is connected at the common
USB connector and the part is in the high-speed mode, a link
will be established between the high-speed driver section of
the media player and the computer. The device will be able
to transmit and receive data from the computer at a data rate
of 480Mbps.
All Switches OFF Mode
If the IN pin = Logic “0” or Logic “1” and the EN pin = Logic “0”,
all of the switches will turn OFF (high impedance).
The all OFF state can be used to switch between the two
USB sections of the media player. When disconnecting from
one USB device to the other USB device, you can
momentarily put the ISL54200 switch in the “all off” state in
order to get the computer to disconnect from the one device
so it can properly connect to the other USB device when that
channel is turned ON.
ISL54200


유사한 부품 번호 - ISL54200IRZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54200IRZ-T INTERSIL-ISL54200IRZ-T Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL54200IRZ-T RENESAS-ISL54200IRZ-T Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
More results

유사한 설명 - ISL54200IRZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL54200 RENESAS-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Intersil Corporation
ISL76120 INTERSIL-ISL76120 Datasheet
1Mb / 13P
   Automotive Grade USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL76120 RENESAS-ISL76120 Datasheet
1Mb / 15P
   Automotive Grade USB 2.0 High/Full Speed Multiplexer
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com