전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD2088 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 2SD2088
상세설명  Silicon NPN Epitaxial Type (Darlington power transistor)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD2088 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  2SD2088 Datasheet HTML 1Page - Toshiba Semiconductor 2SD2088 Datasheet HTML 2Page - Toshiba Semiconductor 2SD2088 Datasheet HTML 3Page - Toshiba Semiconductor 2SD2088 Datasheet HTML 4Page - Toshiba Semiconductor 2SD2088 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SD2088
2003-02-04
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (Darlington power transistor)
2SD2088
Micro Motor Drive, Hammer Drive Applications
Switching Applications
Power Amplifier Applications
· High DC current gain: hFE = 2000 (min) (VCE = 2 V, IC = 1 A)
· Low saturation voltage: VCE (sat) = 1.5 V (max) (IC = 1 A, IB = 1 mA)
· Zener diode included between collector and base.
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
60 ± 10
V
Collector-emitter voltage
VCEO
60 ± 10
V
Emitter-base voltage
VEBO
8
V
Collector current
IC
2
A
Base current
IB
0.5
A
Collector power dissipation
PC
0.9
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Equivalent Circuit
Unit: mm
JEDEC
TO-92MOD
JEITA
TOSHIBA
2-5J1A
Weight: 0.36 g (typ.)
BASE
EMITTER
≈ 4 kΩ
≈ 800 Ω
COLLECTOR


유사한 부품 번호 - 2SD2088

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SD2088 TOSHIBA-2SD2088 Datasheet
179Kb / 4P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2088 TOSHIBA-2SD2088 Datasheet
151Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD2088 TOSHIBA-2SD2088_09 Datasheet
151Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
More results

유사한 설명 - 2SD2088

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SD2206 TOSHIBA-2SD2206_06 Datasheet
119Kb / 4P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD2695 TOSHIBA-2SD2695 Datasheet
131Kb / 5P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD1658 TOSHIBA-2SD1658_07 Datasheet
191Kb / 5P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
logo
Unisonic Technologies
2SD2686 UTC-2SD2686 Datasheet
119Kb / 3P
   SILICON NPN EPITAXIAL TYPE (DARLINGTON POWER)
logo
Toshiba Semiconductor
2SD1140 TOSHIBA-2SD1140_06 Datasheet
125Kb / 5P
   Silicon NPN Epitaxial Type (PCT Process) (Darlington Power Transistor)
logo
List of Unclassifed Man...
2SD1210 ETC-2SD1210 Datasheet
41Kb / 1P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
2SD1392 ETC-2SD1392 Datasheet
69Kb / 2P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
TIP140T NJSEMI-TIP140T Datasheet
69Kb / 2P
   NPN Epitaxial Silicon Darlington Transistor
logo
Fairchild Semiconductor
KSP13BU FAIRCHILD-KSP13BU Datasheet
39Kb / 4P
   NPN Epitaxial Silicon Darlington Transistor
495220TU FAIRCHILD-495220TU Datasheet
99Kb / 2P
   NPN Epitaxial Silicon Darlington Transistor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com