전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA100P25-1 데이터시트(PDF) 2 Page - Littelfuse

부품명 LA100P25-1
상세설명  Special Purpose Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA100P25-1 데이터시트(HTML) 2 Page - Littelfuse

  LA100P25-1 Datasheet HTML 1Page - Littelfuse LA100P25-1 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Special Purpose Fuses
100
w w w . l i t t e l f u s e . c o m
© 2005 Littelfuse POWR-GARDProducts Catalog
Ampere
Rating
Littelfuse
Catalog
Number
Mounting
Type
Maximum
Clearing I2t @1000
VAC (A2S x 103)
Watts Loss @
Rated Current (W)
200
LA100P200-4
4
72
36
200
LA100P200-4TI
4TI
72
36
225
LA100P225-4
4
91
40
250
LA100P250-4
4
110
46
300
LA100P300-4
4
160
55
300
LA100P300-4TI
4TI
160
55
350
LA100P350-4
4
220
65
350
LA100P350-4TI
4TI
220
65
400
LA100P400-4
4
290
70
400
LA100P400-4TI
4TI
290
70
500
LA100P500-4
4
450
90
500
LA100P500-4TI
4TI
450
90
600
LA100P600-4
4
650
110
600
LA100P600-4TI
4TI
650
110
650
LA100P650-4
4
780
120
700
LA100P700-4
4
880
125
800
LA100P800-4
4
1200
140
800
LA100P800-4TI
4TI
1200
140
1000
LA100P1000-4
4
1900
190
Ampere
Rating
Littelfuse
Catalog
Number
Mounting
Type
Maximum
Clearing I2t @1000
VAC (A2S x 103)
Watts Loss @
Rated Current (W)
15
LA100P15-1
1
0.6
3.4
20
LA100P20-1
1
0.8
5.9
25
LA100P25-1
1
1,3
9
30
LA100P30-1
1
1.5
12.8
35
LA100P35-4
4
2.2
7.3
40
LA100P40-4
4
2.9
8.3
50
LA100P50-4
4
4.5
11
50
LA100P50-4TI
4TI
4.5
11
60
LA100P60-4
4
6.5
13
60
LA100P60-4TI
4TI
6.5
13
70
LA100P70-4TI
4TI
8.8
13
80
LA100P80-4
4
12
14
80
LA100P80-4TI
4TI
12
14
100
LA100P100-4
4
18
18
100
LA100P100-4TI
4TI
18
18
125
LA100P125-4
4
28
23
125
LA100P125-4TI
4TI
28
23
150
LA100P150-4
4
41
28
150
LA100P150-4TI
4TI
41
28
LA100P Semiconductor Fuses
1000 VAC • Very Fast Acting • 15 – 1000 Amperes
Catalog Numbers & Technical Data
Dimensions
Dimensions for reference only.
Amperes
Mount. Type
Fig. No.
Dimensions in Inches (mm in parentheses)
A
B
C
D
E
F
G
H
J
15 – 30
1
1
2.53
(66.8)
0.56
(14.2)
35 – 60
4, 4TI
2
5.00
(127)
1.00
(25.4)
3.50
(173)
4.31
(109)
4.19
(106)
0.31
(7.9)
0.75
(19.1)
0.13
(3.3)
65 – 100
4, 4TI
2
5.00
(127)
1.22
(31)
3.50
(173)
4.31
(109)
4.19
(106)
0.31
(7.9)
1.00
(25.4)
0.19
(4.8)
125 – 200
4, 4TI
2
5.72
(145)
2.00
(38.1)
3.47
(88.1)
4.78
(121)
4.16
(106)
0.41
(10.4)
1.00
(25.4)
0.25
(6.4)
225 – 400
4, 4TI
2
5.72
(145)
2.00
(50.8)
3.47
(88.1)
4.78
(121)
4.16
(106)
0.41
(10.4)
1.50
(25.4)
0.25
(6.4)
500 – 600
4, 4TI
2
7.72
(196)
2.50
(63.5)
3.47
(88.1)
5.88
(149)
5.56
(147)
0.53
(13.5)
2.00
(50.8)
0.38
(9.7)
650 – 800
4, 4TI
3
7.44
(189)
2.88
(73.2)
3.94
(100)
5.94
(151)
0.63
(16)
2.00
(50.8)
0.38
(9.7)
0.31
(7.9)
1000
4
4
8.22
(209)
3.50
(88.9)
4.47
(114)
6.59
(167)
5.84
(148)
0.63
(16)
2.75
(69.9)
0.50
(12.7)
1.38
(35.1)
Contact Littelfuse for characteristic curves.
Figure 1
Figure 3
Figure 2
Figure 4


유사한 부품 번호 - LA100P25-1

제조업체부품명데이터시트상세설명
logo
LEM
LA100P LEM-LA100P Datasheet
69Kb / 2P
   CURRENT TRANSDUCER LA 100-P
logo
Littelfuse
LA100P80-1TI LITTELFUSE-LA100P80-1TI Datasheet
382Kb / 2P
   LA100P Semiconductor Fuses
LA100P80-4TI LITTELFUSE-LA100P80-4TI Datasheet
382Kb / 2P
   LA100P Semiconductor Fuses
More results

유사한 설명 - LA100P25-1

제조업체부품명데이터시트상세설명
logo
Littelfuse
LA70QS10-14F LITTELFUSE-LA70QS10-14F_06 Datasheet
98Kb / 1P
   Special Purpose Fuses
LA50QS35-4 LITTELFUSE-LA50QS35-4 Datasheet
91Kb / 2P
   Special Purpose Fuses
LA30QS35-4 LITTELFUSE-LA30QS35-4 Datasheet
133Kb / 2P
   Special Purpose Fuses
LA15QS1-2 LITTELFUSE-LA15QS1-2 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA70QS35-4 LITTELFUSE-LA70QS35-4 Datasheet
92Kb / 2P
   Special Purpose Fuses
482 LITTELFUSE-482 Datasheet
67Kb / 2P
   Blade Terminal & Special Purpose Fuses
0242.050 LITTELFUSE-0242.050 Datasheet
86Kb / 1P
   Blade Terminal & Special Purpose Fuses
LVSP LITTELFUSE-LVSP Datasheet
89Kb / 2P
   Blade Terminal & Special Purpose Fuses - Surge Fuses
481 LITTELFUSE-481 Datasheet
38Kb / 1P
   Blade Terminal & Special Purpose Fuses
299 LITTELFUSE-299 Datasheet
51Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com